Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1935 Datasheet(PDF) 4 Page - PREMIER DEVICES, INC.

Part No. P1935
Description  Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PDI [PREMIER DEVICES, INC.]
Homepage  http://www.premierdevicesinc.com/
Logo 

P1935 Datasheet(HTML) 4 Page - PREMIER DEVICES, INC.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product Specification
P1935
Power Amplifier 1880-1920 MHz, 35 dB min. Gain @ 1900 Hz @ 33.5 dBm Output
Page 4 of 5
September 2006
Document Revision Level B
all dimensions in mm
Pinning:
European
Projection
Notes:
26.4
±0.1
29.0
4x R1.2
0.3
2.0 2.5 2.5
2.5
2.5
2.5
7.5
22.0
±0.1
1
2
3
4
5
6
1
2
3
4
5
6
Case
RFout
V1 (10V)
V2 (-5V)
V1 (10V)
V2 (-5V)
RFin
Ground
production datecode (year, week) acc. IEC62
P1935
Germany
YYWW
C2
C2
C2
C2
V2
(-5V)
V1
(10V)
V1
(10V)
C1
P1935
Germany
YYWW
C1
C1
C2
1
0.1 F
μF
μ


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
IDT821034QUAD PCM CODEC WITH PROGRAMMABLE GAIN 1 2 3 4 5 MoreIntegrated Device Technology
ADL5370300 MHz to 1000 MHz Quadrature Modulator 1 2 3 4 5 MoreAnalog Devices
PE42612SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz 1 2 3 4 Peregrine Semiconductor Corp.
HMC581LP6HIGH IP3 RFIC DUAL DOWNCONVERTER 800 - 960 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
MRF7S19100NR1RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn