Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MXJ-2201-13 Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part No. MXJ-2201-13
Description  SURFACE MOUNT MIXER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PDI [PREMIER DEVICES, INC.]
Homepage  http://www.premierdevicesinc.com/
Logo 

MXJ-2201-13 Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1860 Hartog Drive, San Jose, California 95131 USA
Tel: 001-408-436-7720
Fax: 001-408-436-7689
Email: Sales@premierdevices.com
Leffelholzstr. 20, D-90441, Nurnberg, Germany
Tel: +49(0)911/9411 233
Fax: +49(0)911/9411 198
Email: Sales.germany@premierdevices.com
2/1-2F, No.99 Lane 2535 Gudai Rd, Shanghai, China PC 201100
Tel: (86)21-5416-8648
Fax: (86)21-5416-8753
Email: Sales.china@premierdevices.com
MXJ-2201-13
Features
SURFACE MOUNT MIXER
Frequency Range: LO & RF 50 – 2200 MHz, IF 10 – 600 MHz
L.O. Drive: +13 dBm
Industry Standard SMT package
Available in Tape-and -Reel
Low Cost
Description
The MXJ-2201-13 is medium-high drive level, surface mount mixer
designed for applications that require small, low cost and highly
reliable surface mount components. This mixer is a
double/double-balanced design for wideband, high dynamic range
use in communications up and down-converter applications.
Specifications
Absolute Maximum Ratings
Notes: Test Conditions-LO +13dBm, RF -10 dBm, IF 30 MHz
Frequency Range-RF/LO 50 – 2200 MHz, IF 10– 600 MHz
Typical values represent Mid-band performance @ 25°C.
Schematic
Package – S05
Pin Functions
Typical Test Data – Conversion Loss
Typical Test Data – LO-RF and LO-IF Isolation
Specifications and information on this data sheet are subject to change without notice..
Parameter
Min
Typ
Max
Min
Typ
Max
Frequency Range (MHz)
50
1500
1500
2200
Conversion Loss (dB)
7.0
7.5
7.5
9
LO – RF Isolation (dB)
22
35
18
28
LO – IF Isolation (dB)
21
26
17
26
IIP3 (dBm)
24
21
Parameter
Maximum
RF Power
+ 20 dBm
Operating Temperature
-50 to +80 °C
Storage Temperature
-65 to +100 °C
Re-flow Temperature
+ 240 °C
Function
Pin
LO INPUT
8
RF INPUT
4
IF OUTPUT
6
GROUND
1,2,3,5,7
Conversion Loss
-9.0
-8.0
-7.0
-6.0
-5.0
50
265
480
695
910
1125
1340 1555 1770 1985 2200
F r eq u e n cy ( M H z )
dB
S21
Isolation
-45
-40
-35
-30
-25
-20
-15
-10
50
265
480
695
910
1125 1340 1555 1770 1985 2200
Frequency (MHz)
dB
LO-IF
LO-RF


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MXB-1001-10SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1501-10SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-2501-13HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1001-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1501-10HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-0902-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-0301-7SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1002-3SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1501-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-2001-7SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn