Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BLV194 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. BLV194
Description  UHF power transistor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV194 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLV194 Datasheet HTML 1Page - NXP Semiconductors BLV194 Datasheet HTML 2Page - NXP Semiconductors BLV194 Datasheet HTML 3Page - NXP Semiconductors BLV194 Datasheet HTML 4Page - NXP Semiconductors BLV194 Datasheet HTML 5Page - NXP Semiconductors BLV194 Datasheet HTML 6Page - NXP Semiconductors BLV194 Datasheet HTML 7Page - NXP Semiconductors BLV194 Datasheet HTML 8Page - NXP Semiconductors BLV194 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
January 1993
4
Philips Semiconductors
Product specification
UHF power transistor
BLV194
CHARACTERISTICS
Tj = 25 °C, unless otherwise specified.
Note
1. Measured under pulse conditions: tp ≤ 200 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CEO
collector-emitter breakdown voltage
IB = 0; IC =40mA
16
−−
V
V(BR)CES
collector-emitter breakdown voltage
IC = 20 mA; VBE =0
32
−−
V
V(BR)EBO
emitter-base breakdown voltage
IC = 0; IE = 5 mA
3
−−
V
ICER
collector leakage current
RBE = 700 Ω; VCE =16V
−−
1mA
hFE
DC current gain
IC = 1.2 A; VCE = 10 V (note 1)
25
70
Cc
collector capacitance
IE =ie = 0; VCB = 12.5 V; f = 1 MHz
26
pF
Cre
feedback capacitance
IC = 0; VCB = 12.5 V; f = 1 MHz
19
pF
Cc-mb
collector-mounting base capacitance
2
pF
Fig.4
DC current gain as a function of collector
current, typical values.
VCE =10V.
Measured under pulse conditions: tp ≤ 200 µs;
δ≤ 0.02.
handbook, halfpage
MRC098
0
20
40
60
80
100
02
IC (A)
4
hFE
6
Fig.5
Collector capacitance as a function of
collector-base voltage, typical values.
IE =ie = 0; f = 1 MHz.
handbook, halfpage
MRC095
0
20
40
60
048
Cc
(pF)
VCB (V)
12
16


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BLF2048UHF push-pull power LDMOS transistor 1 2 3 4 5 MoreNXP Semiconductors
BLT53UHF power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV193UHF power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV861UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV98CEUHF power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLF404UHF power MOS transistor 1 2 3 4 5 MoreNXP Semiconductors
BLT61UHF power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV862UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV99UHF power transistor 1 2 3 4 5 MoreNXP Semiconductors
2SC3006TRANSISTOR UHF BAND POWER AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn