Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BLV194 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BLV194
Description  UHF power transistor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV194 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLV194 Datasheet HTML 1Page - NXP Semiconductors BLV194 Datasheet HTML 2Page - NXP Semiconductors BLV194 Datasheet HTML 3Page - NXP Semiconductors BLV194 Datasheet HTML 4Page - NXP Semiconductors BLV194 Datasheet HTML 5Page - NXP Semiconductors BLV194 Datasheet HTML 6Page - NXP Semiconductors BLV194 Datasheet HTML 7Page - NXP Semiconductors BLV194 Datasheet HTML 8Page - NXP Semiconductors BLV194 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
January 1993
5
Philips Semiconductors
Product specification
UHF power transistor
BLV194
APPLICATION INFORMATION
RF performance at Th =25 °C in a common emitter test circuit.
Rth j-mb = 0.4 K/W.
MODE OF
OPERATION
f
(MHz)
VCE
(V)
ICQ
(mA)
PL
(W)
GP
(dB)
η
C
(%)
CW, class-AB
900
12.5
10
16
≥ 7
typ. 8.5
≥ 50
typ. 57
Fig.6
Power gain and efficiency as functions of
load power, typical values.
Class-AB operation: ICQ = 10 mA; VCE = 12.5 V;
f = 900 MHz.
handbook, halfpage
MRC096
0
4
8
12
16
0
20
40
60
80
04
8
12
PL (W)
Gp
(dB)
Gp
16
20
η
(%)
η
Ruggedness in class-AB operation
The BLV194 is capable of withstanding a load mismatch
corresponding to VSWR = 20:1 through all phases at
rated output power under the following conditions:
VCE = 15.5 V; Th =25 °C; Rth j-mb = 0.4 K/W; f = 900 MHz.
Fig.7
Load power as a function of input power,
typical values.
Class-AB operation: ICQ = 10 mA; VCE = 12.5 V;
f = 900 MHz.
handbook, halfpage
MRC101
0
4
8
12
16
20
01
PL
(W)
23
PIN (W)
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BLF2048UHF push-pull power LDMOS transistor 1 2 3 4 5 MoreNXP Semiconductors
BLT53UHF power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV193UHF power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV861UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV98CEUHF power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLF404UHF power MOS transistor 1 2 3 4 5 MoreNXP Semiconductors
BLT61UHF power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV862UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV99UHF power transistor 1 2 3 4 5 MoreNXP Semiconductors
2SC3006TRANSISTOR UHF BAND POWER AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn