Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BLV193 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. BLV193
Description  UHF power transistor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BLV193 Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
March 1993
3
Philips Semiconductors
Product specification
UHF power transistor
BLV193
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
36
V
VCEO
collector-emitter voltage
open base
16
V
VEBO
emitter-base voltage
open collector
3V
IC
collector current
DC or average value
3.5
A
Ptot
total power dissipation
up to Tmb =25 °C
44
W
Tstg
storage temperature range
−65
150
°C
Tj
junction temperature
200
°C
Fig.2 DC SOAR.
handbook, halfpage
MRA552
1
10
110
VCE (V)
IC
(A)
102
10−1
Tmb = 25
oC
Th = 70
oC
Fig.3 Power derating curves.
(1) Continuous operation.
(2) Short time operation during mismatch.
handbook, halfpage
MRA553
0
Ptot
(W)
20
40
60
020
40
Th (
oC)
60
80
100
120
(1)
(2)
THERMAL RESISTANCE
SYMBOL
PARAMETER
CONDITIONS
THERMAL
RESISTANCE
Rth j-mb
from junction to mounting base
Pdis = 44 W; Tmb =25 °C
4.0 K/W
Rth mb-h
from mounting base to heatsink
0.4 K/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BLF2048UHF push-pull power LDMOS transistor 1 2 3 4 5 MoreNXP Semiconductors
BLT53UHF power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV194UHF power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV861UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV98CEUHF power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLF404UHF power MOS transistor 1 2 3 4 5 MoreNXP Semiconductors
BLT61UHF power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV862UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV99UHF power transistor 1 2 3 4 5 MoreNXP Semiconductors
2SC3006TRANSISTOR UHF BAND POWER AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn