Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SET2LRD7.62OABRN Datasheet(PDF) 2 Page - ITT Industries

Part # SET2LRD7.62OABRN
Description  DIGITAST Microminiature SPDT, Key Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SET2LRD7.62OABRN Datasheet(HTML) 2 Page - ITT Industries

  SET2LRD7.62OABRN Datasheet HTML 1Page - ITT Industries SET2LRD7.62OABRN Datasheet HTML 2Page - ITT Industries SET2LRD7.62OABRN Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.ittcannon.com
E–27
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
E
DESIGNATION
(0.2)
(0.2)
(0.6)
(0.4)
(0.680)
(0.0276)
[0.0157]
(0.0394)
10,16
14,74
5,08
5,08
17,5
1
ø
0,7
0,4
(0.673)
17,1
SER2L
SERL
SER
Total travel
3 (0.118)
Switching travel 1.5 (0.0591)
1st LED
2nd LED
Total travel
3 (0.118)
Switching travel 1.5 (0.0591)
SET2L
SETL
SET
(0.673)
17,1
1st LED
2nd LED
DIGITAST
Microminiature SPDT, Key Switches
SER NARROW BUTTON
SET WIDE BUTTON
SERU NO BUTTON
[0.0276]
[0.015]
[0.0394]
[0.2]
[0.6]
[0.681]
1
ø
15.24
5.08
17.3
0.7
0.4


Similar Part No. - SET2LRD7.62OABRN

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
SET2.50 CONQUER-SET2.50 Datasheet
166Kb / 1P
   6.1 x 2.6 x 2.6 mm (2410)
logo
Guangdong Youtai Semico...
SET23A03L02 UMW-SET23A03L02 Datasheet
408Kb / 5P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SET23A05L02 UMW-SET23A05L02 Datasheet
408Kb / 5P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SET23A12L02 UMW-SET23A12L02 Datasheet
408Kb / 5P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SET23A15L02 UMW-SET23A15L02 Datasheet
408Kb / 5P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
More results

Similar Description - SET2LRD7.62OABRN

ManufacturerPart #DatasheetDescription
logo
C&K Components
SRKLBKEE CK-COMPONENTS-SRKLBKEE Datasheet
203Kb / 3P
   Microminiature SPDT, Key Switches
DIGITAST CK-COMPONENTS-DIGITAST Datasheet
311Kb / 3P
   Microminiature SPDT, Key Switches
logo
List of Unclassifed Man...
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
   Microminiature Slide Switches
MMS22R ETC2-MMS22R Datasheet
149Kb / 2P
   Microminiature Slide Switches
logo
C&K Components
8600 CK-COMPONENTS-8600_V01 Datasheet
305Kb / 3P
   Microminiature Pushbutton Switches
2018
logo
List of Unclassifed Man...
MJS12 ETC2-MJS12 Datasheet
130Kb / 2P
   Microminiature Slide Switches
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
   Microminiature Slide Switches
logo
C&K Components
8600 CK-COMPONENTS-8600 Datasheet
183Kb / 3P
   Microminiature Pushbutton Switches
logo
ITT Industries
8600 ITT-8600 Datasheet
194Kb / 3P
   Microminiature Pushbutton Switches
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com