Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MXB-1001-13 Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part No. MXB-1001-13
Description  SURFACE MOUNT MIXER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

MXB-1001-13 Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

  MXB-1001-13 Datasheet HTML 1Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1860 Hartog Drive, San Jose, California 95131 USA
Tel: 001-408-436-7720
Fax: 001-408-436-7689
Email: Sales@premierdevices.com
Leffelholzstr. 20, D-90441, Nurnberg, Germany
Tel: +49(0)911/9411 233
Fax: +49(0)911/9411 198
Email: Sales.germany@premierdevices.com
2/1-2F, No.99 Lane 2535 Gudai Rd, Shanghai, China PC 201100
Tel: (86)21-5416-8648
Fax: (86)21-5416-8753
Email: Sales.china@premierdevices.com
MXB-1001-13
Features
SURFACE MOUNT MIXER
Frequency Range: LO & RF 5– 1000 MHz, IF DC – 1000 MHz
L.O. Drive: +13 dBm
Industry Standard SMT package
Available in Tape-and -Reel
Low Cost
Description
The MXB-1001-13 is a medium-high drive level, surface mount mixer
designed for applications that require small, low cost and highly
reliable surface mount components. This mixer is a
double balanced design for wideband high dynamic range
use in communications up and down-converter applications.
Specifications
Absolute Maximum Ratings
Notes: Test Conditions-LO +13 dBm, RF -10 dBm, IF 30 MHz.
Typical values represent Mid-band performance @ 25°C.
Schematic
Package – S07
Pin Functions
Typical Test Data – Conversion Loss
Typical Test Data – LO-RF and LO-IF Isolation
Specifications and information on this data sheet are subject to change without notice.
Parameter
Min
Typ
Max
Frequency Range (MHz)
5
1000
Conversion Loss (dB)
6.5
9.0
LO – RF Isolation (dB)
25
35
LO – IF Isolation (dB)
18
30
IIP3 (dBm)
+19
Parameter
Maximum
RF Power
+ 20 dBm
Operating Temperature
-50 to +80 °C
Storage Temperature
-65 to +100 °C
Re-flow Temperature
+ 240 °C
Function
Pin
LO INPUT
1
RF INPUT
4
IF OUTPUT
5
GROUND
2,3,6
Conversion Loss
-9.5
-7.5
-5.5
-3.5
-1.5
5
105
204
304
403
503
602
702
801
901
1000
Frequency (MHz)
dB
S21
Isolation
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
5
204
403
602
801
1000
Frequency (MHz)
dB
LO-IF
LO-RF


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MXB-1001-10 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-0301-7 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-0501-7 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-0501-10 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-0501-13 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-0501-17 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-0502-3 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-0502-3H SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-0502-7 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-0502-10 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn