Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXB-0501-7 Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part # MXB-0501-7
Description  SURFACE MOUNT MIXER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

MXB-0501-7 Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

  MXB-0501-7 Datasheet HTML 1Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1860 Hartog Drive, San Jose, California 95131 USA
Tel: 001-408-436-7720
Fax: 001-408-436-7689
Email: Sales@premierdevices.com
Leffelholzstr. 20, D-90441, Nurnberg, Germany
Tel: +49(0)911/9411 233
Fax: +49(0)911/9411 198
Email: Sales.germany@premierdevices.com
2/1-2F, No.99 Lane 2535 Gudai Rd, Shanghai, China PC 201100
Tel: (86)21-5416-8648
Fax: (86)21-5416-8753
Email: Sales.china@premierdevices.com
MXB-0501-7
Features
SURFACE MOUNT MIXER
Frequency Range: LO & RF 0.5 – 500 MHz, IF DC – 500 MHz
L.O. Drive : +7 dBm
Industry Standard SMT package
Available in Tape-and -Reel
Low Cost
Description
The MXB-0501-7 is a medium-low drive level, surface mount mixer
designed for applications that require small, low cost and highly
reliable surface mount components. This mixer is a
double-balanced design for wideband high dynamic range
use in communications up and down-converter applications.
Specifications
Absolute Maximum Ratings
Notes: Test Conditions-LO +7 dBm, RF -10 dBm, IF 30 MHz
Typical values represent Mid-band performance @ 25° C.
Schematic
Package – S07
Pin Functions
Typical Test Data – Conversion Loss
Typical Test Data – LO-RF and LO-IF Isolation
Specifications and information on this data sheet are subject to change without notice.
Parameter
Min
Typ
Max
Frequency Range (MHz)
0.5
500
Conversion Loss (dB)
5.5
8.0
LO – RF Isolation (dB)
20
36
LO – IF Isolation (dB)
20
26
IIP3 (dBm)
13
Parameter
Maximum
RF Power
+ 13 dBm
Operating Temperature
-50 to +80 °C
Storage Temperature
-65 to +100 °C
Re-flow Temperature
+ 240 °C
Function
Pin
LO INPUT
1
RF INPUT
4
IF OUTPUT
5
GROUND
2,3,6
Conversion Loss
-9.0
-8.0
-7.0
-6.0
-5.0
1
50
100
150
200
250
300
350
400
450
500
Frequency (MHz)
dB
S21
Isolation
-45
-40
-35
-30
-25
-20
-15
-10
1
50
100
150
200
250
300
350
400
450
500
Frequency (MHz)
dB
LO-IF
LO-RF


Similar Part No. - MXB-0501-7

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
MXB-0501-10 PDI-MXB-0501-10 Datasheet
40Kb / 1P
   SURFACE MOUNT MIXER
MXB-0501-13 PDI-MXB-0501-13 Datasheet
40Kb / 1P
   SURFACE MOUNT MIXER
MXB-0501-17 PDI-MXB-0501-17 Datasheet
40Kb / 1P
   SURFACE MOUNT MIXER
More results

Similar Description - MXB-0501-7

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
MXB-1002-17 PDI-MXB-1002-17 Datasheet
50Kb / 1P
   SURFACE MOUNT MIXER
MXB-1003-7 PDI-MXB-1003-7 Datasheet
40Kb / 1P
   SURFACE MOUNT MIXER
MXB-1003-17 PDI-MXB-1003-17 Datasheet
41Kb / 1P
   SURFACE MOUNT MIXER
MXB-1003-17H PDI-MXB-1003-17H Datasheet
54Kb / 1P
   SURFACE MOUNT MIXER
MXB-1501-3 PDI-MXB-1501-3 Datasheet
41Kb / 1P
   SURFACE MOUNT MIXER
MXB-1501-7 PDI-MXB-1501-7 Datasheet
41Kb / 1P
   SURFACE MOUNT MIXER
MXB-1501-13 PDI-MXB-1501-13 Datasheet
41Kb / 1P
   SURFACE MOUNT MIXER
MXB-1502-3 PDI-MXB-1502-3 Datasheet
41Kb / 1P
   SURFACE MOUNT MIXER
MXB-1901-7 PDI-MXB-1901-7 Datasheet
40Kb / 1P
   SURFACE MOUNT MIXER
MXJ-2201-13 PDI-MXJ-2201-13 Datasheet
52Kb / 1P
   SURFACE MOUNT MIXER
MXJ-2201-17 PDI-MXJ-2201-17 Datasheet
51Kb / 1P
   SURFACE MOUNT MIXER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com