Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7121 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC7121
Description  Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7121 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC7121 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 12Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC7121
Quad Port Bypass Circuit for 1.0625 Gbit/sec
Fibre Channel Arbitrated Loop Disk Arrays
Page 8
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/31/98
G52110-0, Rev. 4.1
Package Pin Description
Table 4: Pin Description
Pin #
Name
Description
9, 10
IN-, IN+
INPUT - Differential (Biased at VDD/2). Differential inputs from the downstream PBC
port.
3, 4
L_SI1-, L_SI1+
INPUT - Differential (Biased at VDD/2). Serial input from the local transmitter on PBC
port 1.
40, 41
L_SI2-, L_SI2+
INPUT - Differential (Biased at VDD/2). Serial input from the local transmitter on PBC
port 2.
34, 35
L_SI3-, L_SI3+
INPUT - Differential (Biased at VDD/2). Serial input from the local transmitter on PBC
port 3.
27, 28
L_SI4-, L_SI4+
INPUT - Differential (Biased at VDD/2). Serial input from the local transmitter on PBC
port 4.
15-18
SEL1, SEL2,
SEL3, SEL4
INPUT - TTL. A LOW selects the “BYPASS” mode causing the output of the previous
port to propagate to next port or OUT. When HIGH, this signal selects “NORMAL”
mode which routes the previous port to the local output, L_SOn, and routes the local
input, L_SIn, to the next port or OUT .
6, 7
L_SO1-,
L_SO1+
OUTPUT - Differential (Biased at VDD-1.32V).
Serial output driving the local receiver corresponding to PBC port 1.
43, 44
L_SO2-,
L_SO2+
OUTPUT - Differential (Biased at VDD-1.32V)
Serial output driving the local receiver corresponding to PBC port 2.
37, 38
L_SO3-,
L_SO3+
OUTPUT - Differential (Biased at VDD-1.32V)
Serial output driving the local receiver corresponding to PBC port 3.
30, 31
L_SO4-,
L_SO4+
OUTPUT - Differential (Biased at VDD-1.32V)
Serial output driving the local receiver corresponding to PBC port 4.
25, 24
OUT-, OUT+
OUTPUT - Differential (Biased at VDD - 1.32V) Serial output driving the upstream PBC
port.
2, 14, 20-21,
32
VDD
Digital Logic Power Supply. 3.3V Supply for digital logic.
5, 26, 29 36,
42
VDDP
High-Speed Output Power Supply. 3.3V Supply for PECL drivers.
1, 8, 11-13,
19, 22-23,
33, 39
VSS
Ground. Ground pins are physically attached to the die mounting surface, and are an
important part of the thermal path. For best thermal performance, all ground pins should
be connected to a ground plane, using multiple vias if possible.


Similar Part No. - VSC7121

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QN VITESSE-VSC7123QN Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QU VITESSE-VSC7123QU Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results

Similar Description - VSC7121

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
Agilent(Hewlett-Packard...
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
   Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
HDMP-0421 HP-HDMP-0421 Datasheet
161Kb / 12P
   Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
logo
Vitesse Semiconductor C...
VSC7128 VITESSE-VSC7128 Datasheet
92Kb / 10P
   Hex Port Bypass Circuit / Dual Repeater for 1.0625 Gb/s FC-AL Disk Arrays
VSC7126 VITESSE-VSC7126 Datasheet
223Kb / 16P
   1.0625 Gbits/sec Fibre Channel Transceiver
VSC7125 VITESSE-VSC7125 Datasheet
123Kb / 16P
   1.0625 Gbits/sec Fibre Channel Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-0422 HP-HDMP-0422 Datasheet
242Kb / 14P
   Single Port Bypass Circuit with CDR & Data Valid Detection Capability for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
   Quad Port Bypass Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com