Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VSC7121 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part No. VSC7121
Description  Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VITESSE [Vitesse Semiconductor Corporation]
Homepage  http://www.vitesse.com
Logo 

VSC7121 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 5
8/31/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC7121
Quad Port Bypass Circuit for 1.0625 Gbit/sec
Fibre Channel Arbitrated Loop Disk Arrays
G52110-0, Rev. 4.1
Absolute Maximum Ratings (1)
TTL Power Supply Voltage, (VDD) ..................................................................................................... 0.5V to +4V
PECL DC Input Voltage, (VINP)............................................................................................. -0.5V to VDD +0.5V
TTL DC Input Voltage, (VINT) ..........................................................................................................-0.5V to 5.5V
DC Voltage Applied to Outputs for High Output State, (VIN TTL)........................................ -0.5V to VDD + 0.5V
TTL Output Current (IOUT), (DC, Output High)........................................................................................... 50mA
PECL Output Current, (IOUT), (DC, Output High) ......................................................................................-50mA
Case Temperature Under Bias, (TC)............................................................................................... -55° to +125
oC
Storage Temperature, (TSTG)......................................................................................................... -65° to + 150
oC
Maximum Input ESD .................................................................................................................................. 1500 V
Recommended Operating Conditions(2)
Power Supply Voltage, (VDD) ...........................................................................................................+3.1V to 3.5V
Ambient Operating Temperature Range, (T) .....................................................................................0
°C to +70°C
Notes:
1)
CAUTION: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing per-
manent damage. Functionality at or above the values listed is not implied. Exposure to these values for extended periods may
affect device reliability.
2)
Vitesse guarantees the functional and parametric operation of the part under “Recommended Operating Conditions: except
where specifically noted in the AC and DC Parametric Tables


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADA4412-3Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB HD/SD 1 2 3 4 5 MoreAnalog Devices
MAX7325I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os 1 2 3 4 5 MoreMaxim Integrated Products
IDT821034QUAD PCM CODEC WITH PROGRAMMABLE GAIN 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn