Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4360-8 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4360-8
Description  300 MHz to 1000 MHz Quadrature Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-8 Datasheet(HTML) 3 Page - Analog Devices

  ADF4360-8 Datasheet HTML 1Page - Analog Devices ADF4360-8 Datasheet HTML 2Page - Analog Devices ADF4360-8 Datasheet HTML 3Page - Analog Devices ADF4360-8 Datasheet HTML 4Page - Analog Devices ADF4360-8 Datasheet HTML 5Page - Analog Devices ADF4360-8 Datasheet HTML 6Page - Analog Devices ADF4360-8 Datasheet HTML 7Page - Analog Devices ADF4360-8 Datasheet HTML 8Page - Analog Devices ADF4360-8 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADL5370
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VS = 5 V; TA = 25°C; LO = 0 dBm1 single-ended; baseband I/Q amplitude = 1.4 V p-p differential sine waves in quadrature with a 500 mV
dc bias; baseband I/Q frequency (fBB) = 1 MHz, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
ADL5370
LO = 450 MHz
Operating Frequency Range
Range over which uncompensated sideband suppression < −30 dBc
Low frequency
300
MHz
High frequency
1000
MHz
Output Power
VIQ = 1.4 V p-p differential
6.2
dBm
Output P1 dB
11
dBm
Carrier Feedthrough
−50
dBm
Sideband Suppression
−41
dBc
Quadrature Error
0.76
Degrees
I/Q Amplitude Balance
0.03
dB
Second Harmonic
POUT − (fLO + (2 × fBB)), POUT = 6.2 dBm
−65
dBc
Third Harmonic
POUT − (fLO + (3 × fBB)), POUT = 6.2 dBm
−54
dBc
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = −2 dBm per tone
60
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = −2 dBm per tone
24
dBm
Noise Floor
I/Q inputs = 0 V differential with a 500 mV common-mode bias,
20 MHz carrier offset
−160
dBm/Hz
GSM
6 MHz carrier offset, POUT = 6 dBm, PLO = 6 dBm
−157
dBc/Hz
LO INPUTS
LO Drive Level1
Characterization performed at typical level
−7
0
+7
dBm
Input Return Loss
See
Figure 9 for a plot of return loss vs. frequency
6
dB
BASEBAND INPUTS
Pin IBBP, Pin IBBN, Pin QBBP, Pin QBBN
I and Q Input Bias Level
500
mV
Input Bias Current
Current sourcing from each baseband input with a bias of 500 mV dc2
45
μA
Input Offset Current
0.1
μA
Differential Input Impedance
2900
Bandwidth (0.1 dB)
LO = 450 MHz, baseband input = 700 mV p-p sine wave on 500 mV dc
70
MHz
Bandwidth (1 dB)
LO = 450 MHz, baseband input = 700 mV p-p sine wave on 500 mV dc
350
MHz
POWER SUPPLIES
Pin VPS1 and Pin VPS2
Voltage
4.75
5.25
V
Supply Current
205
mA
1 High LO drive reduces noise at a 6 MHz carrier offset in GSM applications.
2 See V-to-I converter discussion in the Circuit Description section for architecture information.


Similar Part No. - ADF4360-8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-8 AD-ADF4360-8 Datasheet
368Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-8BCP AD-ADF4360-8BCP Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-8BCPRL AD-ADF4360-8BCPRL Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
More results

Similar Description - ADF4360-8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2793B ATMEL-U2793B_06 Datasheet
329Kb / 13P
   300-MHz Quadrature Modulator
U2793B ATMEL-U2793B Datasheet
255Kb / 12P
   300 MHZ QUADRATURE MODULATOR
logo
Analog Devices
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345AREZ AD-AD8345AREZ Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com