Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDTQS3VH251 Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. IDTQS3VH251
Description  QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3VH251 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDTQS3VH251 Datasheet HTML 1Page - Integrated Device Technology IDTQS3VH251 Datasheet HTML 2Page - Integrated Device Technology IDTQS3VH251 Datasheet HTML 3Page - Integrated Device Technology IDTQS3VH251 Datasheet HTML 4Page - Integrated Device Technology IDTQS3VH251 Datasheet HTML 5Page - Integrated Device Technology IDTQS3VH251 Datasheet HTML 6Page - Integrated Device Technology IDTQS3VH251 Datasheet HTML 7Page - Integrated Device Technology IDTQS3VH251 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
INDUSTRIALTEMPERATURERANGE
IDTQS3VH251
2.5V / 3.3V QUAD 8:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40°C to +85°C
VCC = 2.5 ± 0.2V (1)
VCC = 3.3 ± 0.3V (1)
Symbol
Parameter
Min.(4)
Max.
Min.(4)
Max.
Unit
tPLH
DataPropagationDelay(2,3)
0.2
0.2
ns
tPHL
Y to Ix or Ix to Y
tSEL
SelectTime
1.5
9
1.5
8
ns
Sx to Y
tPZH
EnableTime
1.5
9
1.5
9
ns
tPZL
S to Ix
tPHZ
DisableTime
1.5
8
1.5
8
ns
tPLZ
S to Ix
tPZH
EnableTime
1.5
9
1.5
8
ns
tPZL
E to Y or Ix
tPHZ
DisableTime
1.5
8
1.5
8
ns
tPLZ
E to Y or Ix
fEorSx
OperatingFrequency-Enable(2,5)
10
20
MHz
NOTES:
1. See Test Conditions under TEST CIRCUITS AND WAVEFORMS.
2. This parameter is guaranteed but not production tested.
3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone
is of the order of 0.2ns at CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the
system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on
the driven side.
4. Minimums are guaranteed but not production tested.
5. Maximum toggle frequency for Sx or E control input (pass voltage > VCC, VIN = 5V, RLOAD
≥ 1MΩ, no CLOAD).


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AS4LC4M4883C 4 MEG x 4 DRAM 3.3V EDO PAGE MODE 1  2  3  4  5  More Austin Semiconductor
HMC585MS8G HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC581LP6 HIGH IP3 RFIC DUAL DOWNCONVERTER 800 - 960 MHz 1  2  3  4  5  More Hittite Microwave Corporation
PI1748DG-22H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
PI1748DG-41H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
PI1843DG-22H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
PI1843DG-41H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
PI1950DG-22H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
PI1950DG-41H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
PI2140DG-22H HIGH POWER DROP-IN ISOL 1  PREMIER DEVICES, INC.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn