Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC581LP6 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part No. HMC581LP6
Description  HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC581LP6 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
8 - 499
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Application Circuit
Recommended Components Values (IF = DC - 300 MHz)
C1, C4 - C10
1000 pF
C2, C3
7 pF
C11, C12, C13
100 pF
L1, L2
220 nH
L3
22 nH
L4, L5
27 nH
R1, R2
4.7 Ohm
R3
22 Ohm
Note: L4, C3 and L5, C2 form low pass filters, these values may
be changed for optimization of LO to IF isolation, depending on
application frequency. C4 and C5 are DC blocks.
HIGH IP3 RFIC DUAL
DOWNCONVERTER, 800 - 960 MHz
v00.0806
HMC581LP6 / 581LP6E


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
ADL5370300 MHz to 1000 MHz Quadrature Modulator 1 2 3 4 5 MoreAnalog Devices
PE42612SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz 1 2 3 4 Peregrine Semiconductor Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn