Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC581LP6 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part No. HMC581LP6
Description  HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC581LP6 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
8
8 - 498
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
Item
Description
J1 - J5
PCB Mount SMA RF Connector
J6 - J9
DC Pins
C1, C4 - C10
1000 pF Chip Capacitor, 0402 Pkg.
C2, C3
7 pF Chip Capacitor, 0402 Pkg.
C11, C12, C13
100 pF Chip Capacitor, 0402 Pkg.
L1, L2
220 nH Chip Inductor, 0603 Pkg.
L3
22 nH Chip Inductor, 0603 Pkg.
L4, L5
27 nH Chip Inductor, 0603 Pkg.
R1, R2
4.7 Ohm Resistor, 0603 Pkg.
R3
22 Ohm Resistor, 0603 Pkg.
U1
HMC581LP6 / HMC581LP6E
PCB [2]
106955-2 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
List of Materials for Evaluation PCB 115316 [1]
HIGH IP3 RFIC DUAL
DOWNCONVERTER, 800 - 960 MHz
v00.0806
HMC581LP6 / 581LP6E


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
ADL5370300 MHz to 1000 MHz Quadrature Modulator 1 2 3 4 5 MoreAnalog Devices
PE42612SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz 1 2 3 4 Peregrine Semiconductor Corp.

Link URL
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
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn