Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4113IP5 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN4113IP5
Description  1.2V, 36MHz, Low Power Rail-to-Rail Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4113IP5 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN4113IP5 Datasheet HTML 2Page - Fairchild Semiconductor FAN4113IP5 Datasheet HTML 3Page - Fairchild Semiconductor FAN4113IP5 Datasheet HTML 4Page - Fairchild Semiconductor FAN4113IP5 Datasheet HTML 5Page - Fairchild Semiconductor FAN4113IP5 Datasheet HTML 6Page - Fairchild Semiconductor FAN4113IP5 Datasheet HTML 7Page - Fairchild Semiconductor FAN4113IP5 Datasheet HTML 8Page - Fairchild Semiconductor FAN4113IP5 Datasheet HTML 9Page - Fairchild Semiconductor FAN4113IP5 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FAN4113
DATA SHEET
REV. 1 October 2001
9
FAN4113 Evaluation Board Layout
Figure 6a: KEB011 (top side)
Figure 6b: KEB011 (bottom side)
FAN4113 Package Dimensions
SYMBOL
MIN
MAX
e
0.65 BSC
D
1.80
2.20
b
0.15
0.30
E
1.15
1.35
HE
1.80
2.40
Q1
0.10
0.40
A2
0.80
1.00
A1
0.00
0.10
A
0.80
1.10
c
0.10
0.18
L
1.10
0.30
b
e
D
CL
HE
CL
CL
A
A2
A1
E
C
CL
NOTE:
1. All dimensions are in millimeters.
2. Dimensions are inclusive of plating.
3. Dimensions are exclusive of mold flashing and metal burr.
4. All speccifications comply to EIAJ SC70.
L
Q1
SC70-5


Similar Part No. - FAN4113IP5

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4146 FAIRCHILD-FAN4146 Datasheet
595Kb / 10P
   Ground Fault Interrupter
logo
ON Semiconductor
FAN4146 ONSEMI-FAN4146 Datasheet
801Kb / 12P
   Ground Fault Interrupter
February 2014 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN4146ESX FAIRCHILD-FAN4146ESX Datasheet
595Kb / 10P
   Ground Fault Interrupter
logo
ON Semiconductor
FAN4146ESX ONSEMI-FAN4146ESX Datasheet
801Kb / 12P
   Ground Fault Interrupter
February 2014 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN4146SX FAIRCHILD-FAN4146SX Datasheet
595Kb / 10P
   Ground Fault Interrupter
More results

Similar Description - FAN4113IP5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20081 ONSEMI-NCS20081 Datasheet
753Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
logo
Guangdong Youtai Semico...
LMV321 UMW-LMV321 Datasheet
2Mb / 10P
   Low-Power rail-to-rail Operational Amplifier
logo
ON Semiconductor
NCS20091 ONSEMI-NCS20091 Datasheet
686Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20061 ONSEMI-NCS20061 Datasheet
775Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCV952 ONSEMI-NCV952 Datasheet
1Mb / 10P
   Operational Amplifier Low Power, Rail-to-Rail
July, 2015 ??Rev. 3
logo
E-CMOS Corporation
EC5721 E-CMOS-EC5721 Datasheet
851Kb / 13P
   1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5741 E-CMOS-EC5741 Datasheet
858Kb / 15P
   Super Low Power, CMOS, Rail-to-Rail Operational Amplifier
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
Analog Devices
OP186 AD-OP186_15 Datasheet
42Kb / 5P
   Ultra Low Power Rail-to-Rail Output Operational Amplifier
REV. 0
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com