Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADL5370 Datasheet(PDF) 16 Page - Analog Devices

Part No. ADL5370
Description  300 MHz to 1000 MHz Quadrature Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADL5370 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5370 Datasheet HTML 12Page - Analog Devices ADL5370 Datasheet HTML 13Page - Analog Devices ADL5370 Datasheet HTML 14Page - Analog Devices ADL5370 Datasheet HTML 15Page - Analog Devices ADL5370 Datasheet HTML 16Page - Analog Devices ADL5370 Datasheet HTML 17Page - Analog Devices ADL5370 Datasheet HTML 18Page - Analog Devices ADL5370 Datasheet HTML 19Page - Analog Devices ADL5370 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADL5370
Rev. 0 | Page 16 of 20
EVALUATION BOARD
Populated RoHS-compliant evaluation boards are available for
evaluation of the ADL5370. The ADL5370 package has an
exposed paddle on the underside. This exposed paddle must
be soldered to the board (see the Power Supply and Grounding
discussion in the Basic Connections section). The evaluation
board is designed without any components on the underside
so heat can be applied to the underside for easy removal and
replacement of the ADL5370.
VPS5
VPS3
VPS4
VPS2
VPS2
VOUT
COM1
VPS1
COM1
VPS1
VPS1
VPS1
1
2
3
4
5
6
18
17
16
15
14
13
VOUT
C13
0.1µF
C11
OPEN
C12
0.1µF
CLON
100pF
C14
0.1µF
C15
0.1µF
C16
0.1µF
COUT
100pF
L12
0Ω
L11
0Ω
RFNQ
0Ω
RFPQ
0Ω
QBBP
QBBN
IBBN
IBBP
RFNI
0Ω
RFPI
0Ω
CFNQ
OPEN
CFPQ
OPEN
CFPI
OPEN
CFNI
OPEN
RTI
OPEN
RTQ
OPEN
EXPOSED PADDLE
CLOP
100pF
LO
GND
Z1
ADL5370
Figure 36. ADL5370 Evaluation Board Schematic
Figure 37. Evaluation Board Layout, Top Layer.
Table 8. Evaluation Board Configuration Options
Component
Description
Default Condition
VPOS, GND
Power Supply and Ground Clip Leads.
Not applicable
RFPI, RFNI, RFPQ, RFNQ, CFPI,
CFNI, CFPQ, CFNQ, RTQ, RTI
Baseband Input Filters. These components can be used
to implement a low-pass filter for the baseband signals.
See the Filtering discussion in the Applications
Information section.
RFNQ, RFPQ, RFNI, RFPI = 0 Ω (0402)
CFNQ, CFPQ, CFNI, CFPI = Open (0402)
RTQ, RTI = Open (0402)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn