Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADL5370 Datasheet(PDF) 15 Page - Analog Devices

Part No. ADL5370
Description  300 MHz to 1000 MHz Quadrature Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADL5370 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5370 Datasheet HTML 11Page - Analog Devices ADL5370 Datasheet HTML 12Page - Analog Devices ADL5370 Datasheet HTML 13Page - Analog Devices ADL5370 Datasheet HTML 14Page - Analog Devices ADL5370 Datasheet HTML 15Page - Analog Devices ADL5370 Datasheet HTML 16Page - Analog Devices ADL5370 Datasheet HTML 17Page - Analog Devices ADL5370 Datasheet HTML 18Page - Analog Devices ADL5370 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADL5370
Rev. 0 | Page 15 of 20
LO GENERATION USING PLLS
Analog Devices has a line of PLLs that can be used for
generating the LO signal. Table 4 lists the PLLs together with
their maximum frequency and phase noise performance.
Table 4. ADI PLL Selection Table
Part
Frequency FIN (MHz)
Phase Noise @ 1 kHz Offset
and 200 kHz PFD (dBc/Hz)
ADF4110
550
−91 @ 540 MHz
ADF4111
1200
−87@ 900 MHz
ADF4112
3000
−90 @ 900 MHz
ADF4113
4000
−91 @ 900 MHz
ADF4116
550
−89 @ 540 MHz
ADF4117
1200
−87 @ 900 MHz
ADF4118
3000
−90 @ 900 MHz
The ADF4360 comes as a family of chips, with nine operating
frequency ranges. One is chosen, depending on the local
oscillator frequency required. While the use of the integrated
synthesizer may come at the expense of slightly degraded noise
performance from the ADL5370, it can be a cheaper alternative
to a separate PLL and VCO solution. Table 5 shows the options
available.
Table 5. ADF4360 Family Operating Frequencies
Part
Output Frequency Range (MHz)
ADF4360-0
2400 to 2725
ADF4360-1
2050 to 2450
ADF4360-2
1850 to 2150
ADF4360-3
1600 to 1950
ADF4360-4
1450 to 1750
ADF4360-5
1200 to 1400
ADF4360-6
1050 to 1250
ADF4360-7
350 to 1800
ADF4360-8
65 to 400
TRANSMIT DAC OPTIONS
The AD9779 recommended in the previous sections of this data
sheet is by no means the only DAC that can be used to drive the
ADL5370. There are other appropriate DACs, depending on the
level of performance required. Table 6 lists the dual Tx-DACs
offered by Analog Devices.
Table 6. Analog Devices Dual Tx—DAC Selection Table
Part
Resolution (Bits)
Update Rate (MSPS Min)
AD9709
8
125
AD9761
10
40
AD9763
10
125
AD9765
12
125
AD9767
14
125
AD9773
12
160
AD9775
14
160
AD9777
16
160
AD9776
12
1000
AD9778
14
1000
AD9779
16
1000
All DACs listed have nominal bias levels of 0.5 V and use the same
simple DAC-modulator interface that is shown in Figure 31.
MODULATOR/DEMODULATOR OPTIONS
Table 7 lists other Analog Devices modulators and demodulators.
Table 7. Modulator/Demodulator Options
Part
Mod/Demod
Frequency
Range (MHz)
Comments
AD8345
Mod
140 to 1000
AD8346
Mod
800 to 2500
AD8349
Mod
700 to 2700
ADL5390
Mod
20 to 2400
External quadrature
ADL5385
Mod
50 to 2200
ADL5371
Mod
700 to 1300
ADL5372
Mod
1600 to 2400
ADL5373
Mod
2300 to 3000
ADL5374
Mod
3000 to 4000
AD8347
Demod
800 to 2700
AD8348
Demod
50 to 1000
AD8340
Vector mod
700 to 1000
AD8341
Vector mod
1500 to 2400


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn