Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADL5370 Datasheet(PDF) 8 Page - Analog Devices

Part No. ADL5370
Description  300 MHz to 1000 MHz Quadrature Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADL5370 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5370 Datasheet HTML 4Page - Analog Devices ADL5370 Datasheet HTML 5Page - Analog Devices ADL5370 Datasheet HTML 6Page - Analog Devices ADL5370 Datasheet HTML 7Page - Analog Devices ADL5370 Datasheet HTML 8Page - Analog Devices ADL5370 Datasheet HTML 9Page - Analog Devices ADL5370 Datasheet HTML 10Page - Analog Devices ADL5370 Datasheet HTML 11Page - Analog Devices ADL5370 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADL5370
Rev. 0 | Page 8 of 20
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
–20
–80
–30
–40
–50
–60
–70
15
–15
10
5
0
–5
–10
BASEBAND INPUT VOLTAGE (V p-p)
SECOND ORDER (dBc)
CARRIER
FEEDTHROUGH
(dBm)
SIDEBAND
SUPPRESSION (dBc)
THIRD ORDER (dBc)
SSB OUTPUT POWER
Figure 15. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. Baseband Differential Input Level
(fLO = 900 MHz)
–20
–80
–30
–40
–50
–60
–70
250
450
650
850
1050
1250
1450
LO FREQUENCY (Hz)
SECOND ORDER = +85°C
SECOND ORDER = +25°C
SECOND ORDER = –40°C
THIRD
ORDER = +25°C
THIRD
ORDER = +85°C
THIRD
ORDER = –40°C
Figure 16. Second- and Third-Order Distortion vs. fLO and Temperature
(Baseband I/Q Amplitude = 1.4 V p-p differential)
–20
–70
–60
–50
–40
–30
–80
–90
7
2
3
4
5
6
1
0
1
10
100
BASEBAND FREQUENCY (Hz)
CARRIER FEEDTHROUGH (dBm)
SSB OUTPUT POWER
SIDEBAND SUPPRESSION (dBc)
THIRD ORDER (dBc)
SECOND ORDER (dBc)
Figure 17. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. fBB and Temperature (fLO = 450 MHz)
250
450
650
850
1050
1250
1450
30
25
15
20
5
0
10
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 18. OIP3 vs. Frequency and Temperature
70
60
30
40
50
20
0
10
TA = +25°C
TA = –40°C
TA = +85°C
250
450
650
850
1050
1250
1450
LO FREQUENCY (MHz)
Figure 19. OIP2 vs. Frequency and Temperature
–20
–70
–60
–50
–40
–30
–80
–90
15
–10
–5
0
5
10
–15
–20
–7
–5
–3
–1
1357
LO AMPLITUDE (dBm)
SECOND ORDER (dBc)
CARRIER
FEEDTHROUGH (dBm)
SSB OUTPUT POWER
SIDEBAND
SUPPRESSION (dBc)
THIRD ORDER (dBc)
Figure 20. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. LO Amplitude (fLO = 450 MHz)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn