Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC585MS8G Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC585MS8G
Description  HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC585MS8G Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC585MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC585MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC585MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC585MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC585MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC585MS8G Datasheet HTML 6Page - Hittite Microwave Corporation HMC585MS8G Datasheet HTML 7Page - Hittite Microwave Corporation HMC585MS8G Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
8
8 - 505
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
RF/IF Input
+27 dBm
LO Drive
+10 dBm
Bias Supply (Vdd)
+7 Vdc
Channel Temperature
150 °C
Continuous Pdiss (T = 85°C)
(Derate 13.2 mW/°C above 85°C)
0.85 W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
IF DC Current
±40 mA
Outline Drawing
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO
PCB RF GROUND.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC585MS8G
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H585
XXXX
HMC585MS8GE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H585
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC585MS8G / 585MS8GE
HIGH IP3 GaAs MMIC MIXER with
INTEGRATED LO AMPLIFIER, 400 - 650 MHz
v00.0806


Similar Part No. - HMC585MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC585MS8G HITTITE-HMC585MS8G Datasheet
232Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
HMC585MS8GE HITTITE-HMC585MS8GE Datasheet
232Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
HMC585MS8G HITTITE-HMC585MS8G_08 Datasheet
232Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
More results

Similar Description - HMC585MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC585MS8G HITTITE-HMC585MS8G_08 Datasheet
232Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC483MS8G HITTITE-HMC483MS8G_10 Datasheet
239Kb / 6P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.5 GHz
HMC483MS8G HITTITE-HMC483MS8G Datasheet
347Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.4 GHz
logo
Tyco Electronics
MAMXES0075 MACOM-MAMXES0075 Datasheet
68Kb / 2P
   High IP3 Mixer with LO Amplifier 823 - 851 MHz
logo
Hittite Microwave Corpo...
HMC399MS8 HITTITE-HMC399MS8_06 Datasheet
323Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC399MS8 HITTITE-HMC399MS8 Datasheet
231Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC387MS8 HITTITE-HMC387MS8_06 Datasheet
318Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC387MS8 HITTITE-HMC387MS8 Datasheet
224Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com