Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADT6501 Datasheet(PDF) 12 Page - Analog Devices

Part No. ADT6501
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6501 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADT6501 Datasheet HTML 8Page - Analog Devices ADT6501 Datasheet HTML 9Page - Analog Devices ADT6501 Datasheet HTML 10Page - Analog Devices ADT6501 Datasheet HTML 11Page - Analog Devices ADT6501 Datasheet HTML 12Page - Analog Devices ADT6501 Datasheet HTML 13Page - Analog Devices ADT6501 Datasheet HTML 14Page - Analog Devices ADT6501 Datasheet HTML 15Page - Analog Devices ADT6501 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADT6501/ADT6502/ADT6503/ADT6504
Preliminary Technical Data
Rev. PrA | Page 12 of 16
OUTLINE DIMENSIONS
PIN 1
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
5
12
3
4
0.22
0.08
10°
0.50
0.30
0.15 MAX
SEATING
PLANE
1.45 MAX
1.30
1.15
0.90
2.90 BSC
0.60
0.45
0.30
COMPLIANT TO JEDEC STANDARDS MO-178-AA
Figure 20. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Threshold Temperature
Temperature Accuracy
Package Description
Package Option
ADT6501ARJP035
+35°C
±4°C
5-Lead SOT-23
RJ-5
ADT6501ARJP045
+45°C
±4°C
5-Lead SOT-23
RJ-5
ADT6501ARJP055
+55°C
±4°C
5-Lead SOT-23
RJ-5
ADT6501ARJP065
+65°C
±4°C
5-Lead SOT-23
RJ-5
ADT6501ARJP075
+75°C
±6°C
5-Lead SOT-23
RJ-5
ADT6501ARJP085
+85°C
±6°C
5-Lead SOT-23
RJ-5
ADT6501ARJP095
+95°C
±6°C
5-Lead SOT-23
RJ-5
ADT6501ARJP105
+105°C
±6°C
5-Lead SOT-23
RJ-5
ADT6501ARJP115
+115°C
±6°C
5-Lead SOT-23
RJ-5
ADT6502ARJP035
+35°C
±4°C
5-Lead SOT-23
RJ-5
ADT6502ARJP045
+45°C
±4°C
5-Lead SOT-23
RJ-5
ADT6502ARJP055
+55°C
±4°C
5-Lead SOT-23
RJ-5
ADT6502ARJP065
+65°C
±4°C
5-Lead SOT-23
RJ-5
ADT6502ARJP075
+75°C
±6°C
5-Lead SOT-23
RJ-5
ADT6502ARJP085
+85°C
±6°C
5-Lead SOT-23
RJ-5
ADT6502ARJP095
+95°C
±6°C
5-Lead SOT-23
RJ-5
ADT6502ARJP105
+105°C
±6°C
5-Lead SOT-23
RJ-5
ADT6502ARJP115
+115°C
±6°C
5-Lead SOT-23
RJ-5
ADT6503ARJN045
−45°C
±6°C
5-Lead SOT-23
RJ-5
ADT6503ARJN035
−35°C
±6°C
5-Lead SOT-23
RJ-5
ADT6503ARJN025
−25°C
±6°C
5-Lead SOT-23
RJ-5
ADT6503ARJN015
−15°C
±4°C
5-Lead SOT-23
RJ-5
ADT6503ARJN005
−5°C
±4°C
5-Lead SOT-23
RJ-5
ADT6503ARJP005
+5°C
±4°C
5-Lead SOT-23
RJ-5
ADT6503ARJP015
+15°C
±4°C
5-Lead SOT-23
RJ-5
ADT6504ARJN045
−45°C
±6°C
5-Lead SOT-23
RJ-5
ADT6504ARJN035
−35°C
±6°C
5-Lead SOT-23
RJ-5
ADT6504ARJN025
−25°C
±6°C
5-Lead SOT-23
RJ-5
ADT6504ARJN015
−15°C
±4°C
5-Lead SOT-23
RJ-5
ADT6504ARJN005
−5°C
±4°C
5-Lead SOT-23
RJ-5
ADT6504ARJP005
+5°C
±4°C
5-Lead SOT-23
RJ-5
ADT6504ARJP015
+15°C
±4°C
5-Lead SOT-23
RJ-5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn