Electronic Components Datasheet Search |
|
SLEC28N3SF Datasheet(PDF) 11 Page - ITT Industries |
|
SLEC28N3SF Datasheet(HTML) 11 Page - ITT Industries |
11 / 14 page 30 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change Snap-Lock Environmentally Sealed - Rectangular Hand Crimp Tool Operation Cannon SLE Hand Crimp Tool - CCT - SLC / SLE Part Number: 995-0002-232 The CCT-SLC/SLE hand crimp tool is designed to crimp individual SLC/SLE contacts on wire sizes 16, 18, and 20 AWG. Each cycle is ratchet-controlled (The tool must be completely closed before it can be reopened) to assure a satisfactory crimp each time. Over and under crimps are eliminated. This tool is for use when the requirement is for low to moderate volume quantities, and for on-site applications where semi- automatic tools cannot be practically used. 1. Cycle the CCT - SLE / SLC hand tool to the open position. 2. While pressing upward on the locator spring, insert the contact with tails upward completely into the locator. 3. When correctly positioned the contact should be located beyond flush with the edge of the CCT - SLE / SLC and positioned in the concave polished split level crimp. 4. Partially (usually the first click) Cycle the hand tool assuring that the upward thrusting tails of the contact has started engaging with the top jaw of the tool. (There is a slight tendency for the contact to roll out of vertical alignment.) 5. Insert the pre-stripped wire into the crimp area of the contact and completely cycle the tool. 7. The result will be a perfect termination. 8. Note that there are no unterminated wire strands, and that some strand ends can be seen at the forward edge of the crimp. Also note the insulation is gripped by the smaller secondary crimp. Distortion is at a minimum, both axially and laterally - no sharp edges. 6. While pressing upward on the locator spring withdraw the crimp termination. Wire Stripping 5 and 13 A Contact Tolerance A B Low 2,41 (.095) 5,33 (.210) High 3,30 (.130) 5,59 (.220) |
Similar Part No. - SLEC28N3SF |
|
Similar Description - SLEC28N3SF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |