Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL6341MG Datasheet(PDF) 9 Page - Opnext. Inc.

Part # HL6341MG
Description  Circular Beam Low Operating Current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL6341MG Datasheet(HTML) 9 Page - Opnext. Inc.

  HL6341MG Datasheet HTML 1Page - Opnext. Inc. HL6341MG Datasheet HTML 2Page - Opnext. Inc. HL6341MG Datasheet HTML 3Page - Opnext. Inc. HL6341MG Datasheet HTML 4Page - Opnext. Inc. HL6341MG Datasheet HTML 5Page - Opnext. Inc. HL6341MG Datasheet HTML 6Page - Opnext. Inc. HL6341MG Datasheet HTML 7Page - Opnext. Inc. HL6341MG Datasheet HTML 8Page - Opnext. Inc. HL6341MG Datasheet HTML 9Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
HL6340MG/41MG
Rev.4, Mar. 2005, page 9 of 9
Cautions
1. Opnext Japan,Inc.(OPJ) neither warrants nor grants licenses of any our rights or any third party’s patent,
copyright, trademark, or other intellectual property rights for information contained in this document.
OPJ bears no responsibility for problems that may arise with third party’s rights, including intellectual
property rights, in connection with use of the information contained in this document.
2. Products and product specifications may be subject to change without notice. Confirm that you have
received the latest product standards or specifications before final design, purchase or use.
3. OPJ makes every attempt to ensure that its products are of high quality and reliability. However,
contact our sales office before using the product in an application that demands especially high quality
and reliability or where its failure or malfunction may directly threaten human life or cause risk of
bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic,
safety equipment or medical equipment for life support.
4. Design your application so that the product is used within the ranges guaranteed by OPJ particularly for
maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions
and other characteristics. OPJ bears no responsibility for failure or damage when used beyond the
guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or
failure modes in semiconductor devices and employ systemic measures such as fail-safes, so that the
equipment incorporating OPJ product does not cause bodily injury, fire or other consequential damage
due to operation of the OPJ product.
5. This product is not designed to be radiation resistant.
6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without
written approval from OPJ.
7. Contact our sales office for any questions regarding this document or OPJ products.
1. The laser light is harmful to human body especially to eye no matter what directly or indirectly. The
laser beam shall be observed or adjusted through infrared camera or equivalent.
2. This product contains gallium arsenide (GaAs), which may seriously endanger your health even at very
low doses. Please avoid treatment which may create GaAs powder or gas, such as disassembly or
performing chemical experiments, when you handle the product.
When disposing of the product, please follow the laws of your country and separate it from other waste
such as industrial waste and household garbage.
3. Definition of items shown in this CAS is in accordance with that shown in Opto Device Databook
issued by OPJ unless otherwise specified.
Sales Offices
Device Business Unit Opnext Japan, Inc.
190 Kashiwagi, Komoro-shi, Nagano 384-8511, Japan
Tel: (0267) 22-4111
For the detail of Opnext, Inc., see the following homepage:
©2005 Opnext Japan, Inc., All rights reserved. Printed in Japan.
Colophon 1.0
Japan (Japanese)
http://www.opnext.com/jp/products/
Other area (English)
http://www.opnext.com/products/


Similar Part No. - HL6341MG

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6341MG OPNEXT-HL6341MG Datasheet
108Kb / 5P
   Circular Beam Low Operating Current
logo
Agilent(Hewlett-Packard...
HL6341MG HP-HL6341MG Datasheet
92Kb / 5P
   Circular Beam Low Operating Current
More results

Similar Description - HL6341MG

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6347MG OPNEXT-HL6347MG Datasheet
108Kb / 5P
   Circular Beam Low Operating Current
logo
Hitachi Semiconductor
HL6335G HITACHI-HL6335G Datasheet
61Kb / 10P
   Circular Beam Low Operating Current
logo
Opnext. Inc.
HL6340MG OPNEXT-HL6340MG_06 Datasheet
108Kb / 5P
   Circular Beam Low Operating Current
HL6343G OPNEXT-HL6343G Datasheet
107Kb / 5P
   Circular Beam Low Operating Current
HL6335G OPNEXT-HL6335G Datasheet
107Kb / 5P
   Circular Beam Low Operating Current
logo
Agilent(Hewlett-Packard...
HL6340MG HP-HL6340MG_08 Datasheet
92Kb / 5P
   Circular Beam Low Operating Current
logo
Rohm
SML-D12W8W ROHM-SML-D12W8W Datasheet
662Kb / 11P
   Low 2mA operating current
logo
Micrel Semiconductor
MIC5326 MICREL-MIC5326 Datasheet
281Kb / 10P
   150mA Low Operating Current LDO
logo
Siemens Semiconductor G...
KOM0622059 SIEMENS-KOM0622059 Datasheet
77Kb / 1P
   64-ELEMENT SILICON CIRCULAR ARRAY VERY LOW DARK CURRENT
logo
Opnext. Inc.
HL6333MG OPNEXT-HL6333MG Datasheet
95Kb / 4P
   Low Operating Current Visible Laser Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com