Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL6340MG Datasheet(PDF) 8 Page - Opnext. Inc.

Part # HL6340MG
Description  Circular Beam Low Operating Current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL6340MG Datasheet(HTML) 8 Page - Opnext. Inc.

  HL6340MG Datasheet HTML 1Page - Opnext. Inc. HL6340MG Datasheet HTML 2Page - Opnext. Inc. HL6340MG Datasheet HTML 3Page - Opnext. Inc. HL6340MG Datasheet HTML 4Page - Opnext. Inc. HL6340MG Datasheet HTML 5Page - Opnext. Inc. HL6340MG Datasheet HTML 6Page - Opnext. Inc. HL6340MG Datasheet HTML 7Page - Opnext. Inc. HL6340MG Datasheet HTML 8Page - Opnext. Inc. HL6340MG Datasheet HTML 9Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HL6340MG/41MG
Rev.4, Mar. 2005, page 8 of 9
600
10
100
200
300
400
500
0
0.002
0.004
Capacitance, CO (µF)
0.008
0.006
0.010
R = 1.5k
Ω, C = 100pF
R = 0, C = 200pF
Step stress tast (5 times/voltage)
Failure criteria
∆I
OP ≥ 10%
VCC
CCO
DUT
R
RO = 2.2kΩ
2. Clamp Capacitance vs. ESD of HL6340MG/41MG
120
100
0
20
40
60
80
10
µ
100
µ
1m
100m
10m
1
Applied puls width, PW (s)
TC = 25°C
1 shot
n = 10pcs
3. Applied puls width vs. Applied current
IF
PW
6
7
5
0
1
2
3
4
010
20
40
50
30
60
Destructive optical output power, PCOD (mW)
4. Catastrophic optical damage of HL6340MG/41MG


Similar Part No. - HL6340MG

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6340MG OPNEXT-HL6340MG Datasheet
108Kb / 5P
   Circular Beam Low Operating Current
logo
Agilent(Hewlett-Packard...
HL6340MG HP-HL6340MG Datasheet
92Kb / 5P
   Circular Beam Low Operating Current
logo
Opnext. Inc.
HL6340MG OPNEXT-HL6340MG_06 Datasheet
108Kb / 5P
   Circular Beam Low Operating Current
logo
Agilent(Hewlett-Packard...
HL6340MG HP-HL6340MG_08 Datasheet
92Kb / 5P
   Circular Beam Low Operating Current
More results

Similar Description - HL6340MG

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6347MG OPNEXT-HL6347MG Datasheet
108Kb / 5P
   Circular Beam Low Operating Current
logo
Hitachi Semiconductor
HL6335G HITACHI-HL6335G Datasheet
61Kb / 10P
   Circular Beam Low Operating Current
logo
Opnext. Inc.
HL6340MG OPNEXT-HL6340MG_06 Datasheet
108Kb / 5P
   Circular Beam Low Operating Current
HL6343G OPNEXT-HL6343G Datasheet
107Kb / 5P
   Circular Beam Low Operating Current
HL6335G OPNEXT-HL6335G Datasheet
107Kb / 5P
   Circular Beam Low Operating Current
logo
Agilent(Hewlett-Packard...
HL6340MG HP-HL6340MG_08 Datasheet
92Kb / 5P
   Circular Beam Low Operating Current
logo
Rohm
SML-D12W8W ROHM-SML-D12W8W Datasheet
662Kb / 11P
   Low 2mA operating current
logo
Micrel Semiconductor
MIC5326 MICREL-MIC5326 Datasheet
281Kb / 10P
   150mA Low Operating Current LDO
logo
Siemens Semiconductor G...
KOM0622059 SIEMENS-KOM0622059 Datasheet
77Kb / 1P
   64-ELEMENT SILICON CIRCULAR ARRAY VERY LOW DARK CURRENT
logo
Opnext. Inc.
HL6333MG OPNEXT-HL6333MG Datasheet
95Kb / 4P
   Low Operating Current Visible Laser Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com