Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC04-41YWA Datasheet(PDF) 5 Page - Kingbright Corporation

Part # CC04-41YWA
Description  10.16MM(0.4INCH) FOUR DIGIT NUMERIC DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

CC04-41YWA Datasheet(HTML) 5 Page - Kingbright Corporation

  CC04-41YWA Datasheet HTML 1Page - Kingbright Corporation CC04-41YWA Datasheet HTML 2Page - Kingbright Corporation CC04-41YWA Datasheet HTML 3Page - Kingbright Corporation CC04-41YWA Datasheet HTML 4Page - Kingbright Corporation CC04-41YWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: KDA0342
REV NO: V.1
DATE: SEP/14/2001
PAGE: 5 OF 5
APPROVED:J.LU
CHECKED:
DRAWN:X.Q.ZHENG
Super Bright Red


Similar Part No. - CC04-41YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
CC04-41YWA KINGBRIGHT-CC04-41YWA Datasheet
130Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
More results

Similar Description - CC04-41YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
CC04-41SRWA KINGBRIGHT-CC04-41SRWA_06 Datasheet
142Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CC04-41EWA KINGBRIGHT-CC04-41EWA_06 Datasheet
128Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CC04-41GWA KINGBRIGHT-CC04-41GWA Datasheet
130Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CC04-41YWA KINGBRIGHT-CC04-41YWA Datasheet
130Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CA04-41EWA KINGBRIGHT-CA04-41EWA_06 Datasheet
119Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CA04-41SRWA KINGBRIGHT-CA04-41SRWA Datasheet
134Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CA04-41YWA KINGBRIGHT-CA04-41YWA Datasheet
122Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CC04-41SRWA KINGBRIGHT-CC04-41SRWA Datasheet
110Kb / 3P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
SA04-11EWA KINGBRIGHT-SA04-11EWA_07 Datasheet
185Kb / 4P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC
SA04-11SRWA KINGBRIGHT-SA04-11SRWA Datasheet
182Kb / 4P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com