Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29PL129N70FAIW03 Datasheet(PDF) 11 Page - SPANSION

Part # S29PL129N70FAIW03
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL129N70FAIW03 Datasheet(HTML) 11 Page - SPANSION

Back Button S29PL129N70FAIW03 Datasheet HTML 7Page - SPANSION S29PL129N70FAIW03 Datasheet HTML 8Page - SPANSION S29PL129N70FAIW03 Datasheet HTML 9Page - SPANSION S29PL129N70FAIW03 Datasheet HTML 10Page - SPANSION S29PL129N70FAIW03 Datasheet HTML 11Page - SPANSION S29PL129N70FAIW03 Datasheet HTML 12Page - SPANSION S29PL129N70FAIW03 Datasheet HTML 13Page - SPANSION S29PL129N70FAIW03 Datasheet HTML 14Page - SPANSION S29PL129N70FAIW03 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
November 23, 2005 S29PL-N_00_A4
S29PL-N MirrorBit™ Flash Family
9
Preliminary
4 Connection Diagrams/Physical Dimensions
This section contains the I/O designations and package specifications for the S29PL256N.
4.1
Special Handling Instructions for FBGA Package
Special handling is required for Flash Memory products in FBGA packages.
Flash memory devices in FBGA packages may be damaged if exposed to ultrasonic cleaning meth-
ods. The package and/or data integrity may be compromised if the package body is exposed to
temperatures above 150°C for prolonged periods of time.
4.2
VBH084, 8.0 x 11.6 mm
4.2.1 Connection Diagram – S29PL256N MCP Compatible Package
Notes:
1. Top view—balls facing down.
2. Recommended for wireless applications
Figure 4.1 Connection Diagram – 84-ball Fine-Pitch Ball Grid Array (S29PL256N)
A7
A3
A2
DQ8
DQ14
RFU
RFU
WP#/ACC
WE#
A8
A11
C3
C4
C5
C6
C7
C8
A6
RFU
RST#
RFU
A19
A12
A15
D2
D3
D4
D5
D6
D7
D8
D9
A5
A18
RY/BY#
A20
A9
A13
A21
E2
E3
E4
E5
E6
E7
E8
E9
A1
A4
A17
A10
A14
A22
F2
F3
F4
F7
F8
F9
VSS
DQ1
A0
DQ6
RFU
A16
G3
G4
G2
G7
G8
G9
CE#
DQ0
OE#
DQ9
DQ3
DQ4
DQ13
DQ15
RFU
H2
H3
H4
H5
H6
H7
H8
H9
DQ10
VCC
RFU
DQ12
DQ7
VSS
J2
J3
J4
J5
J6
J7
J8
J9
DQ2
DQ11
RFU
DQ5
K3
K8
K4
K5
K6
K7
RFU
A23
F5
RFU
RFU
G5
F6
G6
RFU
RFU
RFU
RFU
RFU
RFU
B3
B4
B5
B6
B7
B8
RFU
RFU
VCC
RFU
RFU
RFU
L3
L4
L5
L6
L7
L8
B2
B9
C9
C2
K2
K9
L9
L2
RFU
RFU
RFU
RFU
RFU
RFU
RFU
RFU
A1
A10
M1
M10
NC
NC
NC
NC
Reserved for
Future Use
Legend


Similar Part No. - S29PL129N70FAIW03

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL129N70GAW000 SPANSION-S29PL129N70GAW000 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N70GAW002 SPANSION-S29PL129N70GAW002 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N70GAW003 SPANSION-S29PL129N70GAW003 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N70GAWW00 SPANSION-S29PL129N70GAWW00 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N70GAWW02 SPANSION-S29PL129N70GAWW02 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
More results

Similar Description - S29PL129N70FAIW03

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL-N SPANSION-S29PL-N_07 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL642G AMD-AM29DL642G Datasheet
828Kb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29PDL127H AMD-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com