Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM25LV010-33RMS Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM25LV010-33RMS
Description  1 Megabit (128K x 8) Serial Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM25LV010-33RMS Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM25LV010-33RMS Datasheet HTML 4Page - ELAN Microelectronics Corp EM25LV010-33RMS Datasheet HTML 5Page - ELAN Microelectronics Corp EM25LV010-33RMS Datasheet HTML 6Page - ELAN Microelectronics Corp EM25LV010-33RMS Datasheet HTML 7Page - ELAN Microelectronics Corp EM25LV010-33RMS Datasheet HTML 8Page - ELAN Microelectronics Corp EM25LV010-33RMS Datasheet HTML 9Page - ELAN Microelectronics Corp EM25LV010-33RMS Datasheet HTML 10Page - ELAN Microelectronics Corp EM25LV010-33RMS Datasheet HTML 11Page - ELAN Microelectronics Corp EM25LV010-33RMS Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
EM25LV010
1 Megabit (128K x 8) Serial Flash Memory
SPECIFICATION
Device Operation
The EM25LV010 uses Instruction to initiate the memory operation functions. The
Instructions are written to the device by asserting Serial Data In (D) input while keeping Chip
Select (S#) Low and are latched on the rising edge of Serial Clock(C).
Operation
S#
Hold#
W#
D
Q
Read
VIL
VIH
VIH
X
Data Out
Write
VIL
VIH
VIH
Address/Data In
High Z /
Status Register out
Standby
VIL
VIH
VIH
X
High Z
Deep Power Down Mode
1
VIL
VIH
VIH
X
High Z
Hold
VIL
VIL
VIH
X
High Z
Write Protect
2
VIL
VIH
VIH
X
High Z
Status Register Write
Inhibit
3
VIL
VIH
VIL
X
High Z
Note: 1 See Table 7 for the Instruction Set of Deep Power Down Mode.
2 Write Protect is enabled with the Status Register parameter BP0 and BP1 (see Table 4).
3 Status Register Write Inhibit will be combined with Status Register Write Disable (SRWD) and
Write Protect (W#) (see Table 6).
Table 5: EM25LV010 Device Operation
Hold Function
The Hold (HOLD#) signal allows the EM25LV010 operation to be paused while it is actively
selected with S# at low. To enter into the Hold condition, the device must be selected with
Chip Select (S#) at Low. However, setting this Hold signal Low does not terminate any Write
Status Register, Program, or Erase cycle that is currently in progress.
The Hold condition starts on the falling edge of the Hold (HOLD#) signal, provided that this
coincides with Serial Clock (C) being at Low (shown in Figure 9). The Hold condition ends on
the rising edge of the Hold (HOLD#) signal, provided that this coincides with Serial Clock (C)
being at Low as well.
If the falling edge does not coincide with Serial Clock (C) being at Low, the Hold condition will
start when Serial Clock (C) goes Low. Similarly, if Serial Clock (C) is not at Low, the Hold
condition will end when Serial Clock (C) goes to Low (this is shown in Figure 9). During the
Hold condition, the Serial Data Output (Q) is at high impedance, and the Serial Data Input (D)
& Serial Clock (C) are Don’t Care.
Normally, the device is kept selected with Chip Select (S#) driven Low for the whole duration
of the Hold condition. This is to assure that the state of the internal logic remains unchanged
from the moment it enters the Hold condition.
This specification is subject to change without further notice. (11.08.2004 V1.0)
Page 8 of 30


Similar Part No. - EM25LV010-33RMS

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM25LV512 EMC-EM25LV512 Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-25KGBS EMC-EM25LV512-25KGBS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-25MS EMC-EM25LV512-25MS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-33KGBS EMC-EM25LV512-33KGBS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-33MS EMC-EM25LV512-33MS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
More results

Similar Description - EM25LV010-33RMS

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com