Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29PL-J60TFW003 Datasheet(PDF) 10 Page - SPANSION

Part # S29PL-J60TFW003
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J60TFW003 Datasheet(HTML) 10 Page - SPANSION

Back Button S29PL-J60TFW003 Datasheet HTML 6Page - SPANSION S29PL-J60TFW003 Datasheet HTML 7Page - SPANSION S29PL-J60TFW003 Datasheet HTML 8Page - SPANSION S29PL-J60TFW003 Datasheet HTML 9Page - SPANSION S29PL-J60TFW003 Datasheet HTML 10Page - SPANSION S29PL-J60TFW003 Datasheet HTML 11Page - SPANSION S29PL-J60TFW003 Datasheet HTML 12Page - SPANSION S29PL-J60TFW003 Datasheet HTML 13Page - SPANSION S29PL-J60TFW003 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
8
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
1.2
Standard Flash Memory Features
The device requires a single 3.0 volt power supply (2.7 V to 3.6 V) for both read and write functions.
Internally generated and regulated voltages are provided for the program and erase operations.
The device is entirely command set compatible with the JEDEC 42.4 single-power-supply Flash standard.
Commands are written to the command register using standard microprocessor write timing. Register
contents serve as inputs to an internal state-machine that controls the erase and programming circuitry. Write
cycles also internally latch addresses and data needed for the programming and erase operations. Reading
data out of the device is similar to reading from other Flash or EPROM devices.
Device programming occurs by executing the program command sequence. The Unlock Bypass mode
facilitates faster programming times by requiring only two write cycles to program data instead of four. Device
erasure occurs by executing the erase command sequence.
The host system can detect whether a program or erase operation is complete by reading the DQ7 (Data#
Polling) and DQ6 (toggle) status bits. After a program or erase cycle has been completed, the device is
ready to read array data or accept another command.
The sector erase architecture allows memory sectors to be erased and reprogrammed without affecting the
data contents of other sectors. The device is fully erased when shipped from the factory.
Hardware data protection measures include a low VCC detector that automatically inhibits write operations
during power transitions. The hardware sector protection feature disables both program and erase operations
in any combination of sectors of memory. This can be achieved in-system or via programming equipment.
The Erase Suspend/Erase Resume feature enables the user to put erase on hold for any period of time to
read data from, or program data to, any sector that is not selected for erasure. True background erase can
thus be achieved. If a read is needed from the Secured Silicon Sector area (One Time Program area) after an
erase suspend, then the user must use the proper command sequence to enter and exit this region.
The Program Suspend/Program Resume feature enables the user to hold the program operation to read
data from any sector that is not selected for programming. If a read is needed from the Secured Silicon Sector
area, Persistent Protection area, Dynamic Protection area, or the CFI area, after a program suspend, then the
user must use the proper command sequence to enter and exit this region.
The device offers two power-saving features. When addresses have been stable for a specified amount of
time, the device enters the automatic sleep mode. The system can also place the device into the standby
mode. Power consumption is greatly reduced in both these modes.
The device electrically erases all bits within a sector simultaneously via Fowler-Nordheim tunneling. The data
is programmed using hot electron injection.


Similar Part No. - S29PL-J60TFW003

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29PL-J CYPRESS-S29PL-J Datasheet
7Mb / 101P
   128-/128-/64-/32-Mbit (8/8/4/2M x 16-Bit) 3V, Flash with Enhanced VersatileIO
logo
SPANSION
S29PL-J SPANSION-S29PL-J_12 Datasheet
2Mb / 99P
   128/128/64/32 Megabit (8/8/4/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO??Control
More results

Similar Description - S29PL-J60TFW003

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL127J SPANSION-S29PL127J Datasheet
1Mb / 106P
   CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL064J70BFI120 SPANSION-S29PL064J70BFI120 Datasheet
2Mb / 100P
   CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
AM29PDL640G SPANSION-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29PDL640G AMD-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
S29PL-J SPANSION-S29PL-J_12 Datasheet
2Mb / 99P
   128/128/64/32 Megabit (8/8/4/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com