Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTBV301BCSADD625S Datasheet(PDF) 6 Page - ITT Industries

Part # RTBV301BCSADD625S
Description  1-2 Pole Coded Rotary Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTBV301BCSADD625S Datasheet(HTML) 6 Page - ITT Industries

  RTBV301BCSADD625S Datasheet HTML 1Page - ITT Industries RTBV301BCSADD625S Datasheet HTML 2Page - ITT Industries RTBV301BCSADD625S Datasheet HTML 3Page - ITT Industries RTBV301BCSADD625S Datasheet HTML 4Page - ITT Industries RTBV301BCSADD625S Datasheet HTML 5Page - ITT Industries RTBV301BCSADD625S Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
L–37
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
C&K RTBV Series
1-2 Pole Coded Rotary Switches
ACTUATOR OPTION ANGLE
ACTUATOR LENGTH
CONTACT MATERIAL
L
K0
0 ANGLE
K270
300º
K180
210º
K120
120º
K90
90º
K60
60º
K120
120º
K90
90º
K60
60º
K0
0 ANGLE
(NONE)
25
0,25 mm (.984) STANDARD SHAFT
Other lengths available by request.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
S
SWITCH: 250 mA, POWER: 5 VA; CARRY: 5 AMPS
LOW LEVEL/DRY CIRCUIT
OR POWER
G
SILVER
LOW LEVEL/DRY CIRCUIT
SWITCH: 20 mA, POWER: 0.2 VA; CARRY: 1 AMP
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
GOLD


Similar Part No. - RTBV301BCSADD625S

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTBV CK-COMPONENTS-RTBV Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBV1111S02ANNZS CK-COMPONENTS-RTBV1111S02ANNZS Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBV1111S02NNZS CK-COMPONENTS-RTBV1111S02NNZS Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBV111S02ANNZS CK-COMPONENTS-RTBV111S02ANNZS Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBV1211S02ANNZS CK-COMPONENTS-RTBV1211S02ANNZS Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
More results

Similar Description - RTBV301BCSADD625S

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTBV CK-COMPONENTS-RTBV Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBH CK-COMPONENTS-RTBH Datasheet
320Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
ITT Industries
RTBH ITT-RTBH Datasheet
361Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
C&K Components
RTA CK-COMPONENTS-RTA Datasheet
457Kb / 5P
   1?? Poles Coded Rotary Switches
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com