Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB1-40PL102 Datasheet(PDF) 1 Page - ITT Industries

Part # MTB1-40PL102
Description  Microstrips .050 Contact Spacing
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MTB1-40PL102 Datasheet(HTML) 1 Page - ITT Industries

  MTB1-40PL102 Datasheet HTML 1Page - ITT Industries MTB1-40PL102 Datasheet HTML 2Page - ITT Industries MTB1-40PL102 Datasheet HTML 3Page - ITT Industries MTB1-40PL102 Datasheet HTML 4Page - ITT Industries MTB1-40PL102 Datasheet HTML 5Page - ITT Industries MTB1-40PL102 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Microstrips .050" Contact Spacing
MT
48
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
The Cannon Microstrips provide an extremely
dense and reliable interconnection solution in
a minimum profile package, giving great appli-
cation flexibility. Available with latches or
guide pins, Microstrips are frequently found in
board-to-wire applications where high reliabili-
ty is a primary concern.
Three termination styles are available: solder
cup, pigtail, harness, or printed circuit leads.
The MicroPin Contact System assures maxi-
mum performance in a minimum package.
Product Features
• High Performance MicroPin Contact System
• High-density .050” contact spacing
• Pre-wired for ease of installation
• Fully potted wire terminations
• Guide pins for alignment and polarizing
• Quick-disconnect latches
• 3 Amp current rating
• Precision crimp terminations
• Solder cup, pigtail or printed circuit terminations
• Surface mount leads
Specifications
Current Rating
3 Amps max
Dielectric Withstanding Voltage
900 VAC @ sea level; 300 VAC @ 70,000 feet altitude
Insulation Resistance
5000 megohms min.
Contact Resistance
8 milliohms max.
Operating Temperature
MTV polyester -56°C to +125°C; MTB diallyl phthalate -55°C to +150°C
Durability
500 cycles min.
Shock/Vibration
50 G’s/20 G’s
Connector Mating Force
(8 oz.) x (# of contacts)
Latch Retention
5 lbs. min.
Wire Size
#26 AWG insulated wire, #25 AWG uninsulated solid wire. MT strips will also accommodate #24 AWG through #32 AWG.
For other wiring options contact the factory for ordering information.
General Performance requirements in accordance with MIL-DTL-83513
Materials and Finishes
Insulator
MTV: Glass-filled polyester per MIL-M-24519; MTB: Glass-filled diallyl phthalate per MIL-M-14
Contact
Copper Alloy per MIL-C-83513
Contact Finish
50 Microinches Min. Gold Plated per MIL-G-45204
Insulated Wire
#26 AWG. 19/38 Stranded, silver-plated copper, TFE Teflon insulation per MIL-W-16878/4
Uninsulated Solid Wire
#25 AWG gold-plated copper per QQ-W-343
Potting Material/Contact Encapsulant
Epoxy
Latch
300 series stainless steel, passivated
MicroPin Contact System
The Cannon MicroPin Contact System offers
uncompromised performance in downsized
interconnects. The beryllium copper pin contact is
fully recessed in the insulator, assuring positive
contact alignment and robust performance. The
socket contact is precision machined from high
strength copper alloy and features a smooth lead-in
chamfer.
The MicroPin features seven points of electrical
contact. This contact system assures high normal
force, excellent wipe and superior shock and
vibration performance.
SLEEVE
WIRE
WIRE CRIMP


Similar Part No. - MTB1-40PL102

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTB10000-G MARKTECH-MTB10000-G Datasheet
36Kb / 1P
   Marktech Bar Graph Array (10 Segment)
MTB10000-G-A MARKTECH-MTB10000-G-A Datasheet
192Kb / 3P
   Standard LEDs
MTB10000-HR MARKTECH-MTB10000-HR Datasheet
36Kb / 1P
   Marktech Bar Graph Array (10 Segment)
MTB10000-HR-A MARKTECH-MTB10000-HR-A Datasheet
199Kb / 3P
   Standard LEDs
MTB10000-O MARKTECH-MTB10000-O Datasheet
36Kb / 1P
   Marktech Bar Graph Array (10 Segment)
More results

Similar Description - MTB1-40PL102

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MEB1-128PL ITT-MEB1-128PL Datasheet
196Kb / 5P
   Micro Edgeboard - .050 Contact Spacing
MIKM6-55P ITT-MIKM6-55P Datasheet
173Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK6-55PH067 ITT-MIK6-55PH067 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK6-55PH084 ITT-MIK6-55PH084 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
logo
ITT Industries
MDM-25PSB ITT-MDM-25PSB Datasheet
825Kb / 17P
   The Micro Line - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com