Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P350N Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM78P350N
Description  8-Bit Microprocessor with OTP ROM
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P350N Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM78P350N Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P350N Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P350N Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P350N Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P350N Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P350N Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P350N Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P350N Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P350N Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
EM78P350N
8-Bit Microprocessor with OTP ROM
4
Product Specification (V1.0) 09.14.2006
(This specification is subject to change without further notice)
5
Pin Description
5.1
EM78P350
Symbol
Pin No.
Type
Function
P50~P57
11~12
16~17
24~27
I/O
8-bit General purpose input/output pins
Default value at power-on reset
P60~P65
18~23
I/O
6-bit General purpose input/output pins
Default value at power-on reset
P70~P71
P73~P76
28, 1
2~5
I/O
6-bit General purpose input/output pins
Default value at power-on reset
P80 ~ P84
6~8
10, 15
I/O
5-bit General purpose input/output pins
Default value at power-on reset
INT0, INT1
16, 17
I
External interrupt pin triggered by falling edge
Ain0~Ain5
18~22
I
6-bit Analog-to-Digital Converter
Defined by AISR (Bank 2 R8) <0 : 7>
PWM1
PWM2
28
1
O
Pulse width modulation outputs
Defined by PWMCON (Bank 1-R5)<5 : 7>
BO
10
O
Buzzer output driver
VREF
15
I
External reference voltage for ADC
Defined by ADCON (Bank 2 R9) <7>.
CIN-
CIN+
CO
24
25
26
I
I
O
“-“ : the input pin of Vin- of the comparator
“+” : the input pin of Vin+ of the comparator
Pin CO is the comparator output
Defined by CMPCON (IOCA) <0:1>
/RESET
9
I
General-purpose Input only
If it remains at logic low, the device will be reset
Wake-up from sleep mode when pin status changes
Voltage on /RESET must not exceed Vdd during normal
mode
TCC
27
I
Real time clock/counter with Schmitt Trigger input pin. It
must be tied to VDD or VSS if not in use.
CNTR1
5
I
Counter 1 / Counter 2 with Schmitt Trigger input pin.
Sin
8
I
Sin pin is used to input serial data signals by software.
Sin pin is also used as port P82.
Sout
7
O
Sout pin is used to input serial data signals by software.
Sout pin is also used as port P81.
Sck
6
I/O
Sck pin is used to input and output synchronous clock
signals for serial data transfer by software.
Sck pin is also used as Port P80.
OSCI
12
I
Crystal type: Crystal input terminal or external clock input
pin
RC type: RC oscillator input pin
OSCO
11
O
Crystal type: Output terminal for crystal oscillator or external
clock input pin.
RC type: Clock output with a duration of one instruction
cycle time. The prescaler is determined by the
CONT register.
External clock signal input.
XIN
2
I
Low crystal 32.768kHz input
XOUT
3
O
Low crystal 32.768kHz output
VDD
14
Power supply
VSS
13
Ground


Similar Part No. - EM78P350N

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P311N EMC-EM78P311N Datasheet
667Kb / 68P
   8-BIT Microcontroller
EM78P311SXS/XJ EMC-EM78P311SXS/XJ Datasheet
667Kb / 68P
   8-BIT Microcontroller
EM78P311SXY EMC-EM78P311SXY Datasheet
667Kb / 68P
   8-BIT Microcontroller
EM78P312N EMC-EM78P312N Datasheet
668Kb / 68P
   8-BIT Microcontroller
EM78P312NAK EMC-EM78P312NAK Datasheet
668Kb / 68P
   8-BIT Microcontroller
More results

Similar Description - EM78P350N

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P330 EMC-EM78P330 Datasheet
1,020Kb / 112P
   8-Bit Microprocessor with OTP ROM
EM78P510N EMC-EM78P510N Datasheet
2Mb / 116P
   8-Bit Microprocessor with OTP ROM
EM78P528N EMC-EM78P528N Datasheet
4Mb / 164P
   8-Bit Microprocessor with OTP ROM
EM78P258N EMC-EM78P258N Datasheet
1Mb / 81P
   8-Bit Microprocessor with OTP ROM
EM78P520N EMC-EM78P520N Datasheet
3Mb / 124P
   8-Bit Microprocessor with OTP ROM
EM78P342N EMC-EM78P342N Datasheet
3Mb / 118P
   8-Bit Microprocessor with OTP ROM
EM78P417N EMC-EM78P417N Datasheet
1Mb / 84P
   8-Bit Microprocessor with OTP ROM
EM78P341 EMC-EM78P341 Datasheet
1Mb / 102P
   8-Bit Microprocessor with OTP ROM
EM78P142 EMC-EM78P142 Datasheet
905Kb / 96P
   8-Bit Microprocessor with OTP ROM
EM78P259N EMC-EM78P259N Datasheet
1Mb / 88P
   8-Bit Microprocessor with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com