Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF400R12KE3 Datasheet(PDF) 6 Page - eupec GmbH

Part # FF400R12KE3
Description  IGBT-inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FF400R12KE3 Datasheet(HTML) 6 Page - eupec GmbH

  FF400R12KE3 Datasheet HTML 1Page - eupec GmbH FF400R12KE3 Datasheet HTML 2Page - eupec GmbH FF400R12KE3 Datasheet HTML 3Page - eupec GmbH FF400R12KE3 Datasheet HTML 4Page - eupec GmbH FF400R12KE3 Datasheet HTML 5Page - eupec GmbH FF400R12KE3 Datasheet HTML 6Page - eupec GmbH FF400R12KE3 Datasheet HTML 7Page - eupec GmbH FF400R12KE3 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Technische Information / technical information
FF400R12KE3
IGBT-Module
IGBT-modules
#
1
U
W
#
1
U
W
#
1
U
W
#
1
U
W
>
$
U
W
>
$
U
W
>
$
U
W
>
$
U
W
"SPe ( U3cW
"SPe ( U3cW
"SPe ( U3cW
"SPe ( U3cW
@54 ( 02 N2 ,-. ( H
,
@54 ( 02 N2 ,-. ( H
,
@54 ( 02 N2 ,-. ( H
,
@54 ( 02 N2 ,-. ( H
,
3c v7w
0
100 200 300 400 500 600 700 800
50
45
40
35
30
25
20
15
10
5
0
"SPe2 %&' ( 0 )*+
#
1
U
W
#
1
U
W
#
1
U
W
#
1
U
W
>
$
U
W
>
$
U
W
>
$
U
W
>
$
U
W
"SPe ( U @W
"SPe ( U @W
"SPe ( U @W
"SPe ( U @W
3c (
72 ,-. ( H
,
3c (
72 ,-. ( H
,
3c (
72 ,-. ( H
,
3c (
72 ,-. ( H
,
@ vNw
0
2
4
6
8
10 12 14 16 18
50
45
40
35
30
25
20
15
10
5
0
"SPe2 %&' ( 0 )*+
%
D
>
1
%
D
>
1
%
D
>
1
%
D
>
1
x?Ib- ( U W
x?Ib- ( U W
x?Ib- ( U W
x?Ib- ( U W
v w
0,001
0,01
0,1
1
10
0,001
0,01
0,1
1
x?Ib- 1
Lv B
w
Lv w
0
2
2
00M
2
H )
2
H
2 ))
2
H 0
2
H0M
2 H MM


Similar Part No. - FF400R12KE3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF400R12KE3 INFINEON-FF400R12KE3 Datasheet
265Kb / 8P
   62mm C-Series module with trench/fieldstopp IGBT3 and EmCon High Efficiency diode
2007-09-11 revision:3.1
FF400R12KE3 INFINEON-FF400R12KE3 Datasheet
429Kb / 8P
   62mm C-Serien Modul mit Trench
2013-10-03 revision:3.1
FF400R12KE3 INFINEON-FF400R12KE3_13 Datasheet
429Kb / 8P
   62mm C-Serien Modul mit Trench
2013-10-03 revision:3.1
FF400R12KE3_B2 INFINEON-FF400R12KE3_B2 Datasheet
428Kb / 8P
   62mm C-Serien Modul mit Trench
2013-10-03 revision:3.0
More results

Similar Description - FF400R12KE3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1600R17KE3 EUPEC-FZ1600R17KE3 Datasheet
255Kb / 8P
   IGBT-inverter
FF200R33KF2C EUPEC-FF200R33KF2C Datasheet
291Kb / 8P
   IGBT-inverter
F4-50R12KS4 EUPEC-F4-50R12KS4 Datasheet
282Kb / 8P
   IGBT-inverter
F4-75R12KS4 EUPEC-F4-75R12KS4 Datasheet
282Kb / 8P
   IGBT-inverter
FP25R12KT3 EUPEC-FP25R12KT3 Datasheet
389Kb / 11P
   IGBT-inverter
FF800R17KE3 EUPEC-FF800R17KE3 Datasheet
256Kb / 8P
    IGBT-inverter
FS200R06KL4 EUPEC-FS200R06KL4 Datasheet
318Kb / 8P
   IGBT-inverter
FZ400R12KE3 EUPEC-FZ400R12KE3 Datasheet
285Kb / 8P
   IGBT-inverter
FP75R12KT3 EUPEC-FP75R12KT3 Datasheet
408Kb / 11P
    IGBT-inverter
logo
Infineon Technologies A...
FP15R12KT3 INFINEON-FP15R12KT3 Datasheet
813Kb / 11P
   IGBT,Inverter
2.1 2013-10-03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com