Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE5692H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XE5692H
Description  Half-Size, Low-Cost Global Embedded Modem
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE5692H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XE5692H Datasheet HTML 1Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 2Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 3Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 4Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 5Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 6Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 7Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 8Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
XECOM
(1)
XE5692H
XE5692H
June 2006
Half-Size, Low-Cost Global Embedded Modem
Description
The Xecom XE5692H is a complete, global modem
in a compact, surface-mount module. It covers less
than half the board space of the leading competitor
and is less than half as thick as well.
Xecom includes user transferable FCC Part 68
registration with every modem module. This allows
the system designer to add a modem to a process
control, remote monitoring, point-of-sale, or remote
diagnostic system without Part 68 certification.
Only Xecom offers embedded modems in leadless,
surface-mount form. As a result, the XE5692H is
not only substantially smaller than the competition
but the surface-mount package frees additional
space on the bottom of the application board for
routing traces or placing components. This space
efficient design allows the development engineer
greater flexibility in placement of the modem within
the host system.
Features
• Models: XE5692H: 0 to 70C operating temp
XE5692H-ITR: -40 to 85C operating
temperature
Size: 1.6” x 0.8” x 0.152”
• Data transfer at rates from 300 bps to 56 Kbps
• Control & configuration via AT commands.
• 3.3 and 5 volt compatible serial interface
• V.42 error control and V.42bis data compression.
• Shared line features prevent modem operation
from interfering with voice communications.
• Boot command automatically loads user defaults
• Complete integrated DAA.
• User transferrable FCC Part 68 registration
• World-wide telephone networks compliance.
• UL60950 Recognition
• Low Power operation, 3.3 Volts, 100 milliwatts;
RoHS compliant
XE5692H BLOCK DIAGRAM


Similar Part No. - XE5692H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE5690G ETC1-XE5690G Datasheet
70Kb / 16P
   Worldst Smallest Complete V.90 Modem
XE5690H ETC1-XE5690H Datasheet
70Kb / 16P
   Half-Size, Low-Cost Global Embedded Modem
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
   Compact, Low-Cost Global Embedded Modem
More results

Similar Description - XE5692H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE5690H ETC1-XE5690H Datasheet
70Kb / 16P
   Half-Size, Low-Cost Global Embedded Modem
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
   Compact, Low-Cost Global Embedded Modem
logo
rfsolutions.ltd
GSM-T35I RFSOLUTIONS-GSM-T35I Datasheet
900Kb / 10P
   LOW COST GSM MODEM
FM-232C-433 RFSOLUTIONS-FM-232C-433 Datasheet
74Kb / 6P
   RS232 LOW COST RF MODEM
logo
Clare, Inc.
CPC2400E CLARE-CPC2400E Datasheet
117Kb / 18P
   Embedded Modem Module
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
   Embedded GPRS Modem
HSPA-100 ADVANTECH-HSPA-100 Datasheet
215Kb / 1P
   Embedded HSDPA Modem
logo
SL Power Electronics
GLC40 SLPOWER-GLC40 Datasheet
272Kb / 2P
   40 WATT GLOBAL PERFORMANCE LOW COST SWITCHERS
logo
List of Unclassifed Man...
SC56H0 ETC2-SC56H0 Datasheet
62Kb / 3P
   MultiTech SocketModem Embedded Modem
logo
CML Microcircuits
CMX7011 CMLMICRO-CMX7011 Datasheet
1Mb / 33P
   Embedded audio-band modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com