Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCL-202A1FL000 Datasheet(PDF) 3 Page - Tyco Electronics

Part # PCL-202A1FL000
Description  3A, 5A, 10A, 15A General Purpose Miniature Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCL-202A1FL000 Datasheet(HTML) 3 Page - Tyco Electronics

  PCL-202A1FL000 Datasheet HTML 1Page - Tyco Electronics PCL-202A1FL000 Datasheet HTML 2Page - Tyco Electronics PCL-202A1FL000 Datasheet HTML 3Page - Tyco Electronics PCL-202A1FL000 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
715
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
PCLH type (PCB Terminal)
PCLH type (Plug-in Terminal)
Outline Dimensions (continued)
NOT PRESENT ON FORM A MODELS
.02
(.5)
.079
(2.0)
.177
± .012
(4.5
± .3)
1.32
± .02
(33.6
± .5)
1.08
± .02
(27.5
± .5)
.835
± .02
(21.2
± .5)
.22
± .008
(5.6
± .2)
.394
± .008
(10
± .2)
.02
(.5)
.02
(.5)
.02
(.5)
.234
(5.95)
.285
(7.25)
.518
(13.15)
.703
(17.85)
.079
(2.0)
.079
(2.0)
.02
(.5)
.132
± .008
(3.35
± .2)
.571
± .008
(14.5
± .2)
.02
(.5)
.187
(4.75)
.24
± .012
(6.1
± .3)
1.32
± .02
(33.6
± .5)
1.08
± .02
(27.5
± .5)
.835
± .02
(21.2
± .5)
.22
± .008
(5.6
± .2)
.394
± .008
(10
± .2)
.02
(.5)
.02
(.5)
.02
(.5)
.234
(5.95)
.285
(7.25)
.518
(13.15)
.703
(17.85)
.02
(.5)
.132
± .008
(3.35
± .2)
.571
± .008
(14.5
± .2)
.187
(4.75)
.187
(4.75)
PCL 4c, 4a type (PCB Terminal)
PCL 4c, 4a type (Plug-in Terminal)
NOT PRESENT ON FORM A MODEL
.039
(1.0)
.197
± .012
(5.0
± .3)
1.32
± .02
(33.6
± .5)
1.08
± .02
(27.5
± .5)
.835
± .02
(21.2
± .5)
.157
± .008
(4.0
± .2)
.173
± .008
(4.4
± .2)
.520
± .008
(13.2
± .2)
.039
(1.0)
.248
(6.3)
.25
(6.35)
.498
(12.65)
.659
(16.75)
.346
± .008
(8.8
± .2)
.02
(.5)
.02
(.5)
.02
(.5)
.02
(.5)
.157
± .008
(4.0
± .2)
.039
(1.0)
.039
(1.0)
.02
(.5)
.096
(2.45)
.22
± .012
(5.6
± .3)
1.32
± .02
(33.6
± .5)
.02
(.5)
.02
(.5)
.096
(2.45)
.02
(.5)
.248
(6.3)
.25
(6.35)
.498
(12.65)
.659
(16.75)
1.08
± .02
(27.5
± .5)
.096
(2.45)
.096
(2.45)
.835
± .02
(21.2
± .5)
.157
± .008
(4.0
± .2)
.173
± .008
(4.4
± .2)
.520
± .008
(13.2
± .2)
.346
± .008
(8.8
± .2)
PCLH type (Flange Mount Case)
.854 MAX.
(21.7)
1.60 MAX.
(40.7)
.090 TYP.
(2.3)
.138 TYP.
(3.5)
12
3
4
56
7
8


Similar Part No. - PCL-202A1FL000

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-20253PA5-S2E ADVANTECH-PCL-20253PA5-S2E Datasheet
293Kb / 1P
   Value DSP-Based 4/8-Axis Stepping and Servo Motor Control Universal PCI Card
9-Dec-2019
More results

Similar Description - PCL-202A1FL000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCL MACOM-PCL Datasheet
320Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
logo
DB Lectro Inc
HG4104 DBLECTRO-HG4104 Datasheet
144Kb / 4P
   Miniature General Purpose Relay
logo
American Zettler, Inc.
AZ420 AZETTLER-AZ420 Datasheet
292Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
DB Lectro Inc
HG4104L DBLECTRO-HG4104L Datasheet
133Kb / 4P
   Miniature General Purpose Relay
logo
List of Unclassifed Man...
AZ429-C07-10LUS ETC2-AZ429-C07-10LUS Datasheet
321Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
CamdenBoss Ltd.
CSM3 CAMDENBOSS-CSM3 Datasheet
507Kb / 1P
   V3 type microswitches 5A, 10A and 15A
logo
Tyco Electronics
K10 MACOM-K10 Datasheet
290Kb / 3P
   15 Amp General Purpose Miniature Relay
logo
Picker Components
PC113 PICKER-PC113_17 Datasheet
456Kb / 2P
   Miniature 12 & 20 Amp General Purpose Relay
logo
Tyco Electronics
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
   10A Miniature Power PC Board Relay
logo
Picker Components
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
   Miniature 4 Pole 5 Amp General Purpose Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com