Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET1191V Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1191V
Description  11.3-GBPS DIFFERENTIAL VCSEL DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET1191V Datasheet(HTML) 1 Page - Texas Instruments

  ONET1191V Datasheet HTML 1Page - Texas Instruments ONET1191V Datasheet HTML 2Page - Texas Instruments ONET1191V Datasheet HTML 3Page - Texas Instruments ONET1191V Datasheet HTML 4Page - Texas Instruments ONET1191V Datasheet HTML 5Page - Texas Instruments ONET1191V Datasheet HTML 6Page - Texas Instruments ONET1191V Datasheet HTML 7Page - Texas Instruments ONET1191V Datasheet HTML 8Page - Texas Instruments ONET1191V Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
ONET1191V
SLLS750A – AUGUST 2006 – REVISED SEPTEMBER 2006
11.3-GBPS DIFFERENTIAL VCSEL DRIVER
10-Gigabit Ethernet Optical Transmitters
Up to 11.3-Gbps Operation
8
× and 10× Fibre Channel Optical
Two-Wire Digital Interface
Transmitters
Digitally Selectable Modulation Current up to
SONET OC-192/SDH STM-64 Optical
40 mA
Transmitters
Digitally Selectable Bias Current up to 20 mA
XFP and SFP+ Transceiver Modules
Automatic Power Control (APC) Loop
XENPAK, XPAK, X2, and 300-Pin MSA
Supports Transceiver Management System
Transponder Modules
(TMS)
Programmable Input Equalizer
Includes Laser Safety Features
Analog Temperature Sensor Output
Single 3.3-V Supply
Operating Temperature –40
°C to 85°C
Surface-Mount, Small-Footprint, 4-mm
×
4-mm, 20-Pin QFN Package
The ONET1191V is a high-speed, 3.3-V laser driver designed to directly modulate VCSELs at data rates up to
11.3 Gbps.
The device provides a two-wire serial interface which allows digital control of the modulation and bias currents,
eliminating the need for external components. An optional input equalizer can be used for equalization of up to
300 mm (12 inches) of microstrip or stripline transmission line on FR4 printed-circuit boards.
The ONET1191V includes an integrated automatic power control (APC) loop as well as circuitry to support laser
safety and transceiver management systems.
The VCSEL driver is characterized for operation from –40
°C to 85°C ambient temperatures and is available in a
small-footprint, 4-mm
× 4-mm, 20-pin QFN package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ONET1191V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1191P TI1-ONET1191P Datasheet
835Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1191PRGTR TI-ONET1191PRGTR Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1191PRGTR TI1-ONET1191PRGTR Datasheet
835Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1191PRGTRG4 TI1-ONET1191PRGTRG4 Datasheet
835Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results

Similar Description - ONET1191V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
logo
Analog Devices
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
logo
Texas Instruments
ONET8501V TI1-ONET8501V_17 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
ONET8501V TI-ONET8501V Datasheet
846Kb / 28P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
logo
Integrated Device Techn...
HXT8204 IDT-HXT8204 Datasheet
253Kb / 2P
   4 Channel 28 Gbps VCSEL Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com