Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29PL256N70GFW002 Datasheet(PDF) 9 Page - SPANSION

Part # S29PL256N70GFW002
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL256N70GFW002 Datasheet(HTML) 9 Page - SPANSION

Back Button S29PL256N70GFW002 Datasheet HTML 5Page - SPANSION S29PL256N70GFW002 Datasheet HTML 6Page - SPANSION S29PL256N70GFW002 Datasheet HTML 7Page - SPANSION S29PL256N70GFW002 Datasheet HTML 8Page - SPANSION S29PL256N70GFW002 Datasheet HTML 9Page - SPANSION S29PL256N70GFW002 Datasheet HTML 10Page - SPANSION S29PL256N70GFW002 Datasheet HTML 11Page - SPANSION S29PL256N70GFW002 Datasheet HTML 12Page - SPANSION S29PL256N70GFW002 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
November 23, 2005 S29PL-N_00_A4
S29PL-N MirrorBit™ Flash Family
7
Preliminary
2
Input/Output Descriptions and Logic Symbols
Table 2.1 identifies the input and output package connections provided on the device.
Figure 2.1 Logic Symbols – PL256N, PL129N, and PL127N
Table 2.1 Input/Output Descriptions
Symbol
Type
Description
Amax – A0
Input
Address bus
DQ15 – DQ0 I/O
16-bit data inputs/outputs/float
CE#
Input
Chip Enable input
OE#
Input
Output Enable input
WE#
Input
Write Enable
VSS
Supply
Device ground
NC
Not connected Pin Not Connected Internally
RY/BY#
Output
Ready/Busy output and open drain.
When RY/BY#= VIH, the device is ready to accept read operations and commands.
When RY/BY#= VOL, the device is either executing an embedded algorithm or the device
is executing a hardware reset operation.
VCC
Supply
Device Power Supply
RESET#
Input
Hardware reset pin
CE1#, CE2# Input
Chip Enable inputs for S29PL129 device
22
16
DQ15 – DQ0
A21 – A0
WP#/ACC
RESET#
CE1#
OE#
WE#
RY/BY#
CE2#
VCC
max +1
16
Amax–A0
WP#/ACC
RESET#
CE#
OE#
WE#
RY/BY#
DQ15 – DQ0
VCC
Notes:
1. Amax = 23 for the PL256N and 22 for the PL127N.
Logic Symbol – PL129N
Logic Symbol – PL256N and PL127N


Similar Part No. - S29PL256N70GFW002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL256N70GFW002 SPANSION-S29PL256N70GFW002 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
More results

Similar Description - S29PL256N70GFW002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL-N SPANSION-S29PL-N_07 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL642G AMD-AM29DL642G Datasheet
828Kb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29PDL127H AMD-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com