Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29PL-J55BFI012 Datasheet(PDF) 9 Page - SPANSION

Part # S29PL-J55BFI012
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BFI012 Datasheet(HTML) 9 Page - SPANSION

Back Button S29PL-J55BFI012 Datasheet HTML 5Page - SPANSION S29PL-J55BFI012 Datasheet HTML 6Page - SPANSION S29PL-J55BFI012 Datasheet HTML 7Page - SPANSION S29PL-J55BFI012 Datasheet HTML 8Page - SPANSION S29PL-J55BFI012 Datasheet HTML 9Page - SPANSION S29PL-J55BFI012 Datasheet HTML 10Page - SPANSION S29PL-J55BFI012 Datasheet HTML 11Page - SPANSION S29PL-J55BFI012 Datasheet HTML 12Page - SPANSION S29PL-J55BFI012 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
September 22, 2006 S29PL-J_00_A9
S29PL-J
7
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
1.
Simultaneous Read/Write Operation with Zero Latency
The Simultaneous Read/Write architecture provides simultaneous operation by dividing the memory space
into 4 banks, which can be considered to be four separate memory arrays as far as certain operations are
concerned. The device can improve overall system performance by allowing a host system to program or
erase in one bank, then immediately and simultaneously read from another bank with zero latency (with two
simultaneous operations operating at any one time). This releases the system from waiting for the completion
of a program or erase operation, greatly improving system performance.
The device can be organized in both top and bottom sector configurations. The banks are organized as
follows:
1.1
Page Mode Features
The page size is 8 words. After initial page access is accomplished, the page mode operation provides fast
read access speed of random locations within that page.
Bank
PL127J Sectors
PL064J Sectors
PL032J Sectors
A
16 Mbit (4 Kw x 8 and 32 Kw x 31)
8 Mbit (4 Kw x 8 and 32 Kw x 15)
4 Mbit (4 Kw x 8 and 32 Kw x 7)
B
48 Mbit (32 Kw x 96)
24 Mbit (32 Kw x 48)
12 Mbit (32 Kw x 24)
C
48 Mbit (32 Kw x 96)
24 Mbit (32 Kw x 48)
12 Mbit (32 Kw x 24)
D
16 Mbit (4 Kw x 8 and 32 Kw x 31)
8 Mbit (4 Kw x 8 and 32 Kw x 15)
4 Mbit (4 Kw x 8 and 32 Kw x 7)
Bank
PL129J Sectors
CE# Control
1A
16 Mbit (4 Kw x 8 and 32 Kw x 31)
CE1#
1B
48 Mbit (32 Kw x 96)
CE1#
2A
48 Mbit (32 Kw x 96)
CE2#
2B
16 Mbit (4 Kw x 8 and 32 Kw x 31)
CE2#


Similar Part No. - S29PL-J55BFI012

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29PL-J CYPRESS-S29PL-J Datasheet
7Mb / 101P
   128-/128-/64-/32-Mbit (8/8/4/2M x 16-Bit) 3V, Flash with Enhanced VersatileIO
logo
SPANSION
S29PL-J SPANSION-S29PL-J_12 Datasheet
2Mb / 99P
   128/128/64/32 Megabit (8/8/4/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO??Control
More results

Similar Description - S29PL-J55BFI012

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL127J SPANSION-S29PL127J Datasheet
1Mb / 106P
   CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL064J70BFI120 SPANSION-S29PL064J70BFI120 Datasheet
2Mb / 100P
   CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
AM29PDL640G SPANSION-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29PDL640G AMD-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
S29PL-J SPANSION-S29PL-J_12 Datasheet
2Mb / 99P
   128/128/64/32 Megabit (8/8/4/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com