Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5996SD-333 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5996SD-333
Description  Dual Linear Regulator with 300mA and 150mA Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5996SD-333 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP5996SD-333 Datasheet HTML 3Page - National Semiconductor (TI) LP5996SD-333 Datasheet HTML 4Page - National Semiconductor (TI) LP5996SD-333 Datasheet HTML 5Page - National Semiconductor (TI) LP5996SD-333 Datasheet HTML 6Page - National Semiconductor (TI) LP5996SD-333 Datasheet HTML 7Page - National Semiconductor (TI) LP5996SD-333 Datasheet HTML 8Page - National Semiconductor (TI) LP5996SD-333 Datasheet HTML 9Page - National Semiconductor (TI) LP5996SD-333 Datasheet HTML 10Page - National Semiconductor (TI) LP5996SD-333 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Output Capacitor, Recommended Specifications
Symbol
Parameter
Conditions
Nom
Limit
Units
Min
Max
C
OUT
Output Capacitance
Capacitance
(Note 12)
1.0
0.7
µF
ESR
5
500
m
Note 12: The Capacitor tolerance should be 30% or better over temperature. The full operating conditions for the application should be considered when selecting
a suitable capacitor to ensure that the minimum value of capacitance is always met. Recommended capacitor is X7R. However, depending on the application, X5R,
Y5V and Z5U can also be used. (See capacitor section in Applications Hints).
www.national.com
7


Similar Part No. - LP5996SD-333

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5996SD-3333/NOPB TI-LP5996SD-3333/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
More results

Similar Description - LP5996SD-333

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
LP5996 TI-LP5996_15 Datasheet
1Mb / 18P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
logo
National Semiconductor ...
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
   Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
Texas Instruments
LP3996 TI1-LP3996_14 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Silicon Standard Corp.
SS6721G SSC-SS6721G Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com