Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTR-1A23 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TTR-1A23
Description  Connector ized High-speed VCSEL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TTR-1A23 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TTR-1A23 Datasheet HTML 1Page - List of Unclassifed Manufacturers TTR-1A23 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TTR-1A23
Connector ized High-speed VCSEL
FEATURES:
• Industry standard connector of metallic ST
*-type receptacle.
• Pre-aligned for multi-mode fiber communication.
• High stability to temperature variation.
• Solution of 10/100/622/1250 Mbps applications.
• LED transmitter alternative.
ELECTRO-OPTICAL CHARACTERISTICS:
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITIONS
(1)
Threshold Current
Ith
3
6
mA
Fiber Coupled Power
(50/125, 62.5/125
µm MMF) (2)
Po
-4
-9.5
-17
2
-4
-12
dBm
IF =12 mA
(3)
Slope Efficiency
η
0.1
mW/mA
IF=12 mA
(4)
Wavelength
λ
P
830
850
860
nm
IF=12 mA
Spectral Width (RMS)
∆λ
0.85
nm
IF=12 mA
Transverse Mode Number
2
3
4
IF=12 mA
Forward Voltage
VF
1.7
1.9
2.3
V
IF=12 mA
Breakdown voltage
VBD
10
15
V
IR=10
µA
Rise/Fall Time (20%~80%)
TR/TF
130/200
ps
TA=25
°C,
Extinction Ratio > 10dB
Notes:
1. All parameters except mentioned are measured at IF=12 mA, 25
°C, CW.
2. TTR-1A22 is product type specified for 50/125
µm MMF, and TTR-1A23 is product type specified for 62.5/125µm MMF.
3. Specific power range can be provided under request.
4. Slope efficiency is defined as
∆P/(12-I
th) at 25
°C.
THERMAL CHARACTERISTICS:
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITIONS
Thermal Resistance
Rth
900
°C /W
TA=25
°C
Ith Temperature Variation
∆I
th
-1
1
mA
TA=0~70
°C
VF Temperature Coefficient
∆V
F/
∆T
-3.5
-2.5
mV/
°C
TA=0~70
°C, I
F=12 mA
η Temperature Coefficient
∆η/∆T
-0.15
%/
°C
TA=0~70
°C, I
F=12 mA
λ
P Temperature Coefficient
∆λ
P/
∆T
0.06
nm/
°C
TA=0~70
°C, I
F=12 mA
ABSOLUTE MAXIMUM RATINGS:
PARAMETERS
MIN
MAX
UNIT
CONDITIONS
Storage Temperature
-40
100
°C
Operating Temperature
-20
85
°C
Lead Solder Temperature
260
°C
10 seconds
Continuous Forward Current
40
mA
Continuous Reverse Voltage
10
V
* ST is a registered trademark of AT&T.


Similar Part No. - TTR-1A23

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTR011 TONTEK-TTR011 Datasheet
489Kb / 41P
   Preliminary
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
TTR500RACK TEKTRONIX-TTR500RACK Datasheet
849Kb / 16P
   Vector Network Analyzers
TTR500TRANSIT TEKTRONIX-TTR500TRANSIT Datasheet
849Kb / 16P
   Vector Network Analyzers
TTR503A TEKTRONIX-TTR503A Datasheet
849Kb / 16P
   Vector Network Analyzers
More results

Similar Description - TTR-1A23

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60001 ZARLINK-ZL60001 Datasheet
418Kb / 5P
   High speed 2.5 Gbps 850 nm VCSEL
logo
List of Unclassifed Man...
TMC-5F40 ETC1-TMC-5F40 Datasheet
137Kb / 2P
   High speed VCSEL TO-46 metal can
TMC-5B21 ETC-TMC-5B21 Datasheet
111Kb / 2P
   High speed VCSEL TO-46 metal can
TMC-5F31-XXX ETC-TMC-5F31-XXX Datasheet
144Kb / 3P
   High speed VCSEL TO-46 metal can
TMC-5A31 ETC1-TMC-5A31 Datasheet
141Kb / 3P
   High Speed VCSEL TO-46 metal can
logo
OPLINK Communications I...
DTR1250-MM-LS-MR OPLINK-DTR1250-MM-LS-MR Datasheet
113Kb / 6P
   VCSEL Transceivers
logo
Roithner LaserTechnik G...
VC670M-TO46FW-2 ROITHNER-VC670M-TO46FW-2 Datasheet
431Kb / 3P
   red vcsel
logo
Kemet Corporation
MKT KEMET-MKT Datasheet
423Kb / 5P
   METALL IZED POLYE STER FILM CAPACITOR
logo
Roithner LaserTechnik G...
VC670M-TO46FW-PD ROITHNER-VC670M-TO46FW-PD Datasheet
466Kb / 3P
   red vcsel
VC980M-MODULE ROITHNER-VC980M-MODULE Datasheet
590Kb / 3P
   VCSEL module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com