Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE24S500DK-C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # XE24S500DK-C
Description  Complete 2.4 GHZ FHSS Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE24S500DK-C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button XE24S500DK-C Datasheet HTML 2Page - List of Unclassifed Manufacturers XE24S500DK-C Datasheet HTML 3Page - List of Unclassifed Manufacturers XE24S500DK-C Datasheet HTML 4Page - List of Unclassifed Manufacturers XE24S500DK-C Datasheet HTML 5Page - List of Unclassifed Manufacturers XE24S500DK-C Datasheet HTML 6Page - List of Unclassifed Manufacturers XE24S500DK-C Datasheet HTML 7Page - List of Unclassifed Manufacturers XE24S500DK-C Datasheet HTML 8Page - List of Unclassifed Manufacturers XE24S500DK-C Datasheet HTML 9Page - List of Unclassifed Manufacturers XE24S500DK-C Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
XECOM
(6)
XE24S500
XE24S500 TYPICAL CONNECTION DIAGRAM
Antenna
3.3 V
C1 C2 C3
C4
C5
L1
Parts List for XE24S500 Typical Connection Diagram
Reference
Designation
Qty
Description
C1
1
Capacitor, Electrolytic, 100 ufd, 10 Volts
C2, C4
2
Capacitor 0.1 ufd, 10 Volts
C3, C5
2
Capacitor 47 pfd, 10 Volts
L1
1
TBD
Antenna *
1
50 Ohm, 1/4 Wave;
DIO2
DIO0
DIO3
DIO1
VCC
GND
/RTS
ADC1
/CTS
ADC0
RXD
Reserved
TXD
N/C
N/C
N/C
N/C
N/C
XE24S500
top view
Host
Serial
I/F


Similar Part No. - XE24S500DK-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE24S100 ETC1-XE24S100 Datasheet
146Kb / 16P
   Complete 2.4 GHZ FHSS Transceiver
XE24S100C ETC1-XE24S100C Datasheet
146Kb / 16P
   Complete 2.4 GHZ FHSS Transceiver
XE24S100D ETC1-XE24S100D Datasheet
146Kb / 16P
   Complete 2.4 GHZ FHSS Transceiver
XE24S100DK-C ETC1-XE24S100DK-C Datasheet
146Kb / 16P
   Complete 2.4 GHZ FHSS Transceiver
XE24S100DK-D ETC1-XE24S100DK-D Datasheet
146Kb / 16P
   Complete 2.4 GHZ FHSS Transceiver
More results

Similar Description - XE24S500DK-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE24S100 ETC1-XE24S100 Datasheet
146Kb / 16P
   Complete 2.4 GHZ FHSS Transceiver
logo
Murata Manufacturing Co...
WIT2492M MURATA-WIT2492M Datasheet
470Kb / 2P
   2.4 GHz FHSS Transceiver Module
DNT24PA MURATA-DNT24PA Datasheet
143Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24MP MURATA-DNT24MP Datasheet
149Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24CA MURATA-DNT24CA Datasheet
143Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT2400P MURATA-DNT2400P Datasheet
446Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT2400C MURATA-DNT2400C Datasheet
446Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24P MURATA-DNT24P Datasheet
150Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24MC MURATA-DNT24MC Datasheet
149Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24MCA MURATA-DNT24MCA Datasheet
143Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com