Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR1475SY28 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DCR1475SY28
Description  Phase Control Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1475SY28 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DCR1475SY28 Datasheet HTML 1Page - Dynex Semiconductor DCR1475SY28 Datasheet HTML 2Page - Dynex Semiconductor DCR1475SY28 Datasheet HTML 3Page - Dynex Semiconductor DCR1475SY28 Datasheet HTML 4Page - Dynex Semiconductor DCR1475SY28 Datasheet HTML 5Page - Dynex Semiconductor DCR1475SY28 Datasheet HTML 6Page - Dynex Semiconductor DCR1475SY28 Datasheet HTML 7Page - Dynex Semiconductor DCR1475SY28 Datasheet HTML 8Page - Dynex Semiconductor DCR1475SY28 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SEMICONDUCTOR
DCR1840Y85
4/9
www.dynexsemi.com
GATE TRIGGER CHARACTERISTICS AND RATINGS
Symbol
Parameter
Test Conditions
Max.
Units
VGT
Gate trigger voltage
VDRM = 5V, Tcase = 25° C
1.5
V
VGD
Gate non-trigger voltage
At VDRM, Tcase = 125° C
TBD
V
IGT
Gate trigger current
VDRM = 5V, Tcase = 25° C
250
mA
IGD
Gate non-trigger current
VDRM = 5V, Tcase = 25° C
TBD
mA
CURVES
0
1000
2000
3000
4000
5000
6000
7000
0.0
2.0
4.0
6.0
Instantaneous on-state voltage VT - (V)
min 125° C
max 125° C
min 25° C
max 25° C
Fig.2 Maximum & minimum on-state characteristics
VTM EQUATION
Where
A = 0.398265
B = 0.121095
VTM = A + Bln (IT) + C.IT+D.
√I
T
C = 0.000524
D = -0.000007
these values are valid for Tj = 125° C for IT 500A to 7200A


Similar Part No. - DCR1475SY28

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1475SY28 DYNEX-DCR1475SY28 Datasheet
121Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR1475SY28

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com