Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3992Z-09P+R Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS3992Z-09P+R
Description  Two-Channel, Push-Pull CCFL Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3992Z-09P+R Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS3992Z-09P+R Datasheet HTML 2Page - Maxim Integrated Products DS3992Z-09P+R Datasheet HTML 3Page - Maxim Integrated Products DS3992Z-09P+R Datasheet HTML 4Page - Maxim Integrated Products DS3992Z-09P+R Datasheet HTML 5Page - Maxim Integrated Products DS3992Z-09P+R Datasheet HTML 6Page - Maxim Integrated Products DS3992Z-09P+R Datasheet HTML 7Page - Maxim Integrated Products DS3992Z-09P+R Datasheet HTML 8Page - Maxim Integrated Products DS3992Z-09P+R Datasheet HTML 9Page - Maxim Integrated Products DS3992Z-09P+R Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Two-Channel, Push-Pull CCFL Controller
6
_____________________________________________________________________
GAn
GBn
OVDn
OVERVOLTAGE
DETECTION
LCMn
LAMP CURRENT
MONITOR
[20.48MHz TO 40.96MHz]
90Hz TO 220Hz OR
180Hz TO 440Hz
EXTERNAL
RESISTOR LAMP
FREQUENCY SET
VCC
[4.5V TO 5.5V]
GND
TWO
INDEPENDENT
CCFL
CONTROLLERS
(SEE FIGURE 2)
EXTERNAL
RESISTOR DPWM
FREQUENCY SET
ANALOG
BRIGHTNESS
CONTROL
SVM
SUPPLY VOLTAGE
MONITOR
[40kHz TO 80kHz]
CHANNEL FAULT
CHANNEL ENABLE
MOSFET
GATE DRIVERS
LOSC
BRIGHT
POSC
DPWM
SIGNAL
2.0V
40kHz TO 80kHz
OSCILLATOR (±10%)
90Hz TO 220Hz OR
180Hz TO 440Hz
OSCILLATOR (±10%)
RAMP
GENERATOR
x512
PLL
FAULT
HANDLING
SYSTEM
ENABLE /
POR
VREF
UVLO
DS3992
Functional Diagrams
Figure 1. DS3992 Functional Diagram


Similar Part No. - DS3992Z-09P+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3991 MAXIM-DS3991 Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991V MAXIM-DS3991V Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VC MAXIM-DS3991VC Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VR MAXIM-DS3991VR Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VRC MAXIM-DS3991VRC Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
More results

Similar Description - DS3992Z-09P+R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OB3302 ETC-OB3302 Datasheet
201Kb / 1P
   Cost Effective CCFL Controller -- Push Pull
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
STMicroelectronics
L293B STMICROELECTRONICS-L293B_03 Datasheet
598Kb / 7P
   PUSH-PULL FOUR CHANNEL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com