Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3992 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS3992
Description  Two-Channel, Push-Pull CCFL Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3992 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS3992 Datasheet HTML 1Page - Maxim Integrated Products DS3992 Datasheet HTML 2Page - Maxim Integrated Products DS3992 Datasheet HTML 3Page - Maxim Integrated Products DS3992 Datasheet HTML 4Page - Maxim Integrated Products DS3992 Datasheet HTML 5Page - Maxim Integrated Products DS3992 Datasheet HTML 6Page - Maxim Integrated Products DS3992 Datasheet HTML 7Page - Maxim Integrated Products DS3992 Datasheet HTML 8Page - Maxim Integrated Products DS3992 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Two-Channel, Push-Pull CCFL Controller
4
_____________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 5.0V, TA = +25°C, unless otherwise noted.)
TYPICAL OPERATION AT 16V
10μs
5.0V GA
10μs
5.0V GB
10μs
2.0V LCM
10μs
2.0V OVD
BURST DIMMING AT 150Hz AND 10%
1ms
5.0V GA
1ms
5.0V GB
1ms
2.0V LCM
1ms
2.0V OVD
TYPICAL STARTUP WITH SVM
2ms
2.0V SVM
2ms
5.0V GB
2ms
2.0V LCM
2ms
2.0V OVD
BURST DIMMING AT 150Hz AND 50%
1ms
5.0V GA
1ms
5.0V GB
1ms
2.0V LCM
1ms
2.0V OVD
SOFT-START AT VINV = 16V
50μs
5.0V GA
50μs
5.0V GB
50μs
2.0V LCM
50μs
2.0V OVD
LAMP STRIKE—EXPANDED VIEW
1ms
5.0V GA
1ms
5.0V GB
1ms
2.0V LCM
1ms
2.0V OVD
LAMP OUT (LAMP OPENED),
AUTORETRY DISABLED
0.25
5.0V GA
0.25
5.0V GB
0.25
2.00V LCM
0.25
2.00V OVD
LAMP OPENED


Similar Part No. - DS3992

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3991 MAXIM-DS3991 Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991V MAXIM-DS3991V Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VC MAXIM-DS3991VC Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VR MAXIM-DS3991VR Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VRC MAXIM-DS3991VRC Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
More results

Similar Description - DS3992

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OB3302 ETC-OB3302 Datasheet
201Kb / 1P
   Cost Effective CCFL Controller -- Push Pull
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
STMicroelectronics
L293B STMICROELECTRONICS-L293B_03 Datasheet
598Kb / 7P
   PUSH-PULL FOUR CHANNEL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com