Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4420+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS4420+
Description  I2C Programmable-Gain Amplifier for Audio Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4420+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS4420+ Datasheet HTML 2Page - Maxim Integrated Products DS4420+ Datasheet HTML 3Page - Maxim Integrated Products DS4420+ Datasheet HTML 4Page - Maxim Integrated Products DS4420+ Datasheet HTML 5Page - Maxim Integrated Products DS4420+ Datasheet HTML 6Page - Maxim Integrated Products DS4420+ Datasheet HTML 7Page - Maxim Integrated Products DS4420+ Datasheet HTML 8Page - Maxim Integrated Products DS4420+ Datasheet HTML 9Page - Maxim Integrated Products DS4420+ Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
I2C Programmable-Gain Amplifier
for Audio Applications
_____________________________________________________________________
9
Byte Read: A byte read is an 8-bit information transfer
from the slave to the master plus a 1-bit ACK or NACK
from the master to the slave. The 8 bits of information
that are transferred (most significant bit first) from the
slave to the master are read by the master using the bit
read definition above, and the master transmits an ACK
using the bit write definition to receive additional data
bytes. The master must NACK the last byte read to ter-
minate communication so the slave will return control of
SDA to the master.
Slave Address Byte: Each slave on the I2C bus
responds to a slave address byte sent immediately fol-
lowing a start condition. The slave address byte con-
tains the slave address in the most significant 7 bits
and the R/W bit in the least significant bit.
The DS4420’s slave address is determined by the state
of the A0, A1, and A2 address pins as shown in Figure
2. Address pins connected to GND result in a ‘0’ in the
corresponding bit position in the slave address.
Conversely, address pins connected to VCC result in a
‘1’ in the corresponding bit positions.
When the R/W bit is 0 (such as in A0h), the master is indi-
cating it will write data to the slave. If R/W is set to a 1,
(A1h in this case), the master is indicating it wants to read
from the slave.
If an incorrect (nonmatching) slave address is written,
the DS4420 will assume the master is communicating
with another I2C device and ignore the communication
until the next start condition is sent.
Memory Address: During an I2C write operation to the
DS4420, the master must transmit a memory address to
identify the memory location where the slave is to store
the data. The memory address is always the second
byte transmitted during a write operation following the
slave address byte.
I2C Communication
Writing a Single Byte to a Slave: The master must gen-
erate a start condition, write the slave address byte (R/W
= 0), write the memory address, write the byte of data,
and generate a stop condition. The master must read the
slave’s acknowledgement during all byte write operations.
Reading a Single Byte from a Slave: Unlike the write
operation that uses the specified memory address byte
to define where the data is to be written, the read oper-
ation occurs at the present value of the memory
address counter. A dummy write cycle can be used to
force the address pointer to a desired location. To do
this, the master generates a start condition, writes the
slave address byte (R/W =0), writes the memory
address where it desires to read, generates a repeated
start condition, writes the slave address byte (R/W = 1),
reads the data byte with a NACK to indicate the end of
the transfer, and generates a stop condition.
See Figure 4 for I2C communication examples.
Applications Information
Power-Supply Decoupling
The DS4420 has separate supply voltages for its ana-
log and digital circuitry. For best noise and distortion
performance, place a 0.1µF or 0.01µF capacitor from
VCC to GND and from AVCC to AGND. These capaci-
tors should be placed as close as possible to the sup-
ply and ground pins of the device.
XXXXXXXX
10
1
0
A0 0
A1
A2
11
1
1
0
0
0
1
10
1
0
A0 0
A1
A2
11
1
1
0
0
0
1
10
1
0
A0 1
A1
A2
COMMUNICATIONS KEY
WRITE THE GAIN SETTING
F8h
READ THE GAIN SETTING
F8h
8-BITS ADDRESS OR DATA
NOTE 2: THE FIRST BYTE SENT AFTER A START CONDITION IS
ALWAYS THE SLAVE ADDRESS FOLLOWED BY THE
READ/WRITE BIT.
START
ACK
NOT
ACK
S
S
S
A
A
AA
P
ASr
AN
P
REGISTER SETTING
REGISTER SETTING
A
PN
Sr
STOP
REPEATED
START
NOTE 1: ALL BYTES ARE SENT MOST SIGNIFICANT BIT FIRST.
SHADED BOXES INDICATE THE SLAVE IS
CONTROLLING SDA
WHITE BOXES INDICATE THE MASTER IS
CONTROLLING SDA
Figure 4. I2C Communication Examples


Similar Part No. - DS4420+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4422 MAXIM-DS4422 Datasheet
222Kb / 10P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 3/08
DS4422 MAXIM-DS4422 Datasheet
215Kb / 11P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 1; 7/09
DS4422 MAXIM-DS4422 Datasheet
536Kb / 10P
   Fully Assembled and Tested
Rev 0; 2/14
DS4422N++ MAXIM-DS4422N+ Datasheet
222Kb / 10P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 3/08
DS4422N++ MAXIM-DS4422N+ Datasheet
215Kb / 11P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 1; 7/09
More results

Similar Description - DS4420+

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2710 TOSHIBA-2SC2710_03 Datasheet
116Kb / 3P
   For Audio Amplifier Applications
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
   Programmable Gain Amplifier
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
   Programmable Gain Amplifier
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
   Programmable Gain AMPLIFIER
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
Toshiba Semiconductor
2SC2710 TOSHIBA-2SC2710 Datasheet
135Kb / 2P
   TRANSISTOR (FOR AUDIO AMPLIFIER APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com