Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP08VKCTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10EP08VKCTR
Description  5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP08VKCTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10EP08VKCTR Datasheet HTML 1Page - Micrel Semiconductor SY10EP08VKCTR Datasheet HTML 2Page - Micrel Semiconductor SY10EP08VKCTR Datasheet HTML 3Page - Micrel Semiconductor SY10EP08VKCTR Datasheet HTML 4Page - Micrel Semiconductor SY10EP08VKCTR Datasheet HTML 5Page - Micrel Semiconductor SY10EP08VKCTR Datasheet HTML 6Page - Micrel Semiconductor SY10EP08VKCTR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ECL Pro™
SY10EP08V
Micrel, Inc.
M9999-112805
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
I
EE
Power Supply Current
20
28
36
20
30
38
20
32
38
mA
V
OH
Output HIGH Voltage(3)
3865
3990
4115
3930
4055
4180
3990
4115
4240
mV
V
OL
Outuput LOW Voltage(3)
3050
3190
3315
3050
3255
3830
3050
3315
3440
mV
V
IH
Input HIGH Voltage
3790
4115
3855
4180
3915
4240
mV
(Single-Ended)
V
IL
Input LOW Voltage
3065
3390
3130
3455
3190
3515
mV
(Single-Ended)
V
IHCMR
Input HIGH Voltage
2.0
V
CC
2.0
V
CC
2.0
V
CC
mV
Common Mode Range (Diff.)
I
IH
Input HIGH Current
150
150
150
µA
I
IL
Input LOW Current
D
0.5
0.5
0.5
µA
/D
–150
–150
–150
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
Note 2.
Input and output parameters vary 1:1 with V
CC.
Note 3.
All loading with 50Ω to VCC –2.0V.
5.0V PECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 5.0V ±0.5V, VEE = 0V
(2)
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
I
EE
Power Supply Current
20
28
36
20
30
38
20
32
38
mA
V
OH
Output HIGH Voltage(2)
–1135
–1010
–885
–1070
–945
–820
–1010
–885
–760
mV
V
OL
Outuput LOW Voltage(2)
–1950
–1810
–1685
–1950
–1745
–1620
–1950
–1685
–1560
mV
V
IH
Input HIGH Voltage
–1210
–885
–1145
–820
–1085
–760
mV
(Single-Ended)
V
IL
Input LOW Voltage
–1935
–1610
–1870
–1545
–1810
–1485
mV
(Single-Ended)
V
IHCMR
Input HIGH Voltage
V
EE +2.0
V
CC
V
EE +2.0
V
CC
V
EE+2.0
V
CC
mV
Common Mode Range (Diff.)
I
IH
Input HIGH Current
150
150
150
µA
I
IL
Input LOW Current
D
0.5
0.5
0.5
µA
/D
–150
–150
–150
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
Note 2.
All loading with 50Ω to VCC –2.0V.
NECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 0V, VEE = –5.5V to –3.0V


Similar Part No. - SY10EP08VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V Datasheet
80Kb / 5P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01V MICREL-SY10EP01V Datasheet
491Kb / 6P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01VKC MICREL-SY10EP01VKC Datasheet
80Kb / 5P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01VKC MICREL-SY10EP01VKC Datasheet
491Kb / 6P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01VKCTR MICREL-SY10EP01VKCTR Datasheet
80Kb / 5P
   5V/3.3V 4-INPUT OR/NOR
More results

Similar Description - SY10EP08VKCTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC10EP08DTG ONSEMI-MC10EP08DTG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07_06 Datasheet
49Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com