Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF861 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF861
Description  UHF power LDMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF861 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF861 Datasheet HTML 2Page - NXP Semiconductors BLF861 Datasheet HTML 3Page - NXP Semiconductors BLF861 Datasheet HTML 4Page - NXP Semiconductors BLF861 Datasheet HTML 5Page - NXP Semiconductors BLF861 Datasheet HTML 6Page - NXP Semiconductors BLF861 Datasheet HTML 7Page - NXP Semiconductors BLF861 Datasheet HTML 8Page - NXP Semiconductors BLF861 Datasheet HTML 9Page - NXP Semiconductors BLF861 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1999 Aug 26
6
Philips Semiconductors
Preliminary specification
UHF power LDMOS transistor
BLF861
C16
R5
8mm
4.5mm
4mm
10mm
R1
R3
C24
L19
C10
C11
C12
C13
R7
L18
C26
C25
C23
C22
C21
C20
C17
R4
C19
C18
R6
R2
C15
C14
C9
C8
C7
C6
C5
C4
C3
C2
L12
L14
L16
L15
L13
L11
L10
L8
L7
L6
L5
L4
L3
L2
+Vs
+Vbias
T1
L17
C1
B2
L9
B1
L1
50 Ohm
Output
50 Ohm
Input
Fig.8 Class-AB broadband testcircuit.
List of components
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE
No.
C1
multilayer ceramic chip capacitor; note 1 20 pF
C2
multilayer ceramic chip capacitor; note 1 4.3 pF
C3, C6, C9
Tekelec trimmer
0.6 to 4.5 pF
C4
multilayer ceramic chip capacitor; note 1 8.2 pF
C5
multilayer ceramic chip capacitor; note 1 10 pF
C7
multilayer ceramic chip capacitor; note 1 6.8 pF
C8
multilayer ceramic chip capacitor; note 1 13 pF
C10, C11
multilayer ceramic chip capacitor; note 2 8.2 pF
C12
multilayer ceramic chip capacitor; note 2 3.3 pF
C13
multilayer ceramic chip capacitor; note 2 6.8 pF
C14
multilayer ceramic chip capacitor; note 2 1 pF
C15
multilayer ceramic chip capacitor; note 2 30 pF
C16, C17
multilayer ceramic chip capacitor
1 nF
C18, C25
multilayer ceramic chip capacitor
100 nF
C19, C26
multilayer ceramic chip capacitor
100
µF
C20, C21, C22,
C23
multilayer ceramic chip capacitor; note 3 100 pF


Similar Part No. - BLF861

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
BLF861A ASI-BLF861A Datasheet
18Kb / 1P
   UHF POWER LDMOS TRANSISTOR
logo
NXP Semiconductors
BLF861A PHILIPS-BLF861A Datasheet
114Kb / 16P
   UHF power LDMOS transistor
2001 Feb 09
BLF861A NXP-BLF861A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
BLF861A NJSEMI-BLF861A Datasheet
100Kb / 2P
   UHF power LDMOS transistor
logo
Quanzhou Jinmei Electro...
BLF861A_2015 JMNIC-BLF861A_2015 Datasheet
120Kb / 16P
   UHF power LDMOS transistor
More results

Similar Description - BLF861

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com