Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15007 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX15007
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15007 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX15007 Datasheet HTML 7Page - Maxim Integrated Products MAX15007 Datasheet HTML 8Page - Maxim Integrated Products MAX15007 Datasheet HTML 9Page - Maxim Integrated Products MAX15007 Datasheet HTML 10Page - Maxim Integrated Products MAX15007 Datasheet HTML 11Page - Maxim Integrated Products MAX15007 Datasheet HTML 12Page - Maxim Integrated Products MAX15007 Datasheet HTML 13Page - Maxim Integrated Products MAX15007 Datasheet HTML 14Page - Maxim Integrated Products MAX15007 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
______________________________________________________________________________________
11
Then determine the maximum output current:
Example 3 (TDFN Package):
TA = +50°C
VIN = 9V
VOUT = 5V
Calculate the maximum allowable package dissipation
at the given temperature as follows:
PD = 1.9048W
Find the maximum output current:
In Examples 2 and 3, the maximum output current is
calculated as 172mA and 476mA, respectively; howev-
er, the allowable output current cannot exceed 50mA.
Alternately, use Figures 5a and 5b to quickly determine
the maximum allowable output current for selected
ambient temperatures and input voltages.
Output-Capacitor Selection
and Regulator Stability
For stable operation over the full temperature range
and with load currents up to 50mA, use a low-ESR
2.2µF (min) ceramic or tantalum output capacitor. Use
larger output-capacitor values such as 22µF to reduce
noise, improve load-transient response, and power-
supply rejection.
Some ceramic dielectrics exhibit large capacitance
and ESR variations with temperature. Ensure the mini-
mum capacitance under worst-case conditions does
not drop below 1.3µF to ensure output stability. With an
X7R dielectric, 2.2µF should be sufficient at all operat-
ing temperatures.
I
1.9048W
9V 5V
476mA
OUT(MAX)
()
=
=⇒
=
ImA
OUT MAX
50
I
1.5478W
14V 5V
172mA
OUT(MAX)
()
=
=⇒
=
ImA
OUT MAX
50
VIN (V)
35
30
20
25
10
15
5
5
10
15
20
25
30
35
40
45
50
55
60
0
040
TA = +85
°C
TA = +70
°C
TA = +125
°C
VOUT = 5V
6-PIN TDFN
Figure 5a. Calculated Maximum Output Current vs. Input
Voltage (6-Pin TDFN-EP)
VIN (V)
35
30
20
25
10
15
5
5
10
15
20
25
30
35
40
45
50
55
60
0
040
TA = +85
°C
TA = +70
°C
TA = +125
°C
VOUT = 5V
8-PIN SO-EP
Figure 5b. Calculated Maximum Output Current vs. Input
Voltage (8-Pin SO-EP)


Similar Part No. - MAX15007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15007 MAXIM-MAX15007 Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15007 MAXIM-MAX15007 Datasheet
314Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 5; 11/11
MAX15007 MAXIM-MAX15007 Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
MAX15007AASA++ MAXIM-MAX15007AASA+ Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15007AASA++ MAXIM-MAX15007AASA+ Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
More results

Similar Description - MAX15007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15006 MAXIM-MAX15006_09 Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15006 MAXIM-MAX15006_10 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 3; 12/10
MAX15006 MAXIM-MAX15006_11 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 4; 7/11
MAX15006_1111 MAXIM-MAX15006_1111 Datasheet
314Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 5; 11/11
MAX15006 MAXIM-MAX15006_13 Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
logo
Monolithic Power System...
MPQ2013-AEC1 MPS-MPQ2013-AEC1 Datasheet
509Kb / 13P
   40V, 150mA, Low Quiescent Current Linear Regulator without EN Pin, MPQ2013A-AEC1 with EN Pin
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com