Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS15BR400TSQ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS15BR400TSQ
Description  4-Channel LVDS Buffer/Repeater with Pre-Emphasis
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS15BR400TSQ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS15BR400TSQ Datasheet HTML 1Page - National Semiconductor (TI) DS15BR400TSQ Datasheet HTML 2Page - National Semiconductor (TI) DS15BR400TSQ Datasheet HTML 3Page - National Semiconductor (TI) DS15BR400TSQ Datasheet HTML 4Page - National Semiconductor (TI) DS15BR400TSQ Datasheet HTML 5Page - National Semiconductor (TI) DS15BR400TSQ Datasheet HTML 6Page - National Semiconductor (TI) DS15BR400TSQ Datasheet HTML 7Page - National Semiconductor (TI) DS15BR400TSQ Datasheet HTML 8Page - National Semiconductor (TI) DS15BR400TSQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Absolute Maximum Ratings (Note 3)
Supply Voltage (V
DD)
−0.3V to +4.0V
CMOS Input Voltage
−0.3V to (V
DD+0.3V)
LVDS Receiver Input Voltage
−0.3V to (V
DD+0.3V)
LVDS Driver Output Voltage
−0.3V to (V
DD+0.3V)
LVDS Output Short Circuit Current
+40 mA
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Solder, 4sec)
260˚C
Max Pkg Power Capacity @ 25˚C
TQFP
LLP
1.64W
4.16W
Thermal Resistance (
θ
JA)
TQFP
LLP
76˚C/W
30˚C/W
Package Derating above +25˚C
TQFP
LLP
13.2mW/˚C
33.3mW/˚C
ESD Last Passing Voltage
HBM, 1.5k
Ω, 100pF
8 kV
LVDS pins to GND only
15 kV
EIAJ, 0
Ω, 200pF
250V
Charged Device Model
1000V
Recommended Operating
Conditions
Supply Voltage (V
CC)
3.0V to 3.6V
Input Voltage (V
I) (Note 4)
0V to V
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
Industrial
−40˚C to +85˚C
Note 3: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. National does not recom-
mend operation of products outside of recommended operation conditions.
Note 4: VID max < 2.4V
Electrical Characteristics
Over recommended operating supply and temperature ranges unless other specified.
Symbol
Parameter
Conditions
Min
Typ
(Note
5)
Max
Units
LVCMOS DC SPECIFICATIONS (PWDN, PEM)
V
IH
High Level Input Voltage
2.0
V
DD
V
V
IL
Low Level Input Voltage
GND
0.8
V
I
IH
High Level Input Current
V
IN =VDD = 3.6V (PWDN pin)
−10
+10
µA
I
IHR
High Level Input Current
V
IN =VDD = 3.6V (PEM pin)
40
200
µA
I
IL
Low Level Input Current
V
IN =VSS,VDD = 3.6V
−10
+10
µA
C
IN1
LVCMOS Input Capacitance Any Digital Input Pin to V
SS
5.5
pF
V
CL
Input Clamp Voltage
I
CL = −18 mA, VDD = 0V
−1.5
−0.8
V
LVDS INPUT DC SPECIFICATIONS (INn±)
V
TH
Differential Input High
Threshold (Note 6)
V
CM = 0.8V to 3.55V,
V
DD = 3.6V
0
100
mV
V
TL
Differential Input Low
Threshold (Note 6)
V
CM = 0.8V to 3.55V,
V
DD = 3.6V
−100
0
mV
V
ID
Differential Input Voltage
V
CM = 0.8V to 3.55V, VDD = 3.6V
100
2400
mV
V
CMR
Common Mode Voltage
Range
V
ID = 150 mV, VDD = 3.6V
0.05
3.55
V
C
IN2
LVDS Input Capacitance
IN+ or IN− to V
SS
3.0
pF
I
IN
Input Current
V
IN = 3.6V, VDD = 3.6V
−10
+10
µA
V
IN = 0V, VDD = 3.6V
−10
+10
µA
www.national.com
4


Similar Part No. - DS15BR400TSQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS15BR400TSQ TI1-DS15BR400TSQ Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400TSQ/NOPB TI1-DS15BR400TSQ/NOPB Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
More results

Similar Description - DS15BR400TSQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV004 TI1-DS90LV004_13 Datasheet
214Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 TI1-DS15BR400_15 Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004 Datasheet
547Kb / 7P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
Texas Instruments
SCAN90004 TI1-SCAN90004_18 Datasheet
288Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004_07 Datasheet
251Kb / 12P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
SCAN90004 NSC-SCAN90004_07 Datasheet
280Kb / 14P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
SCAN90004 NSC-SCAN90004 Datasheet
537Kb / 8P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Texas Instruments
DS25BR204 TI1-DS25BR204_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com