Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15000BEUB+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15000BEUB+
Description  Current-Mode PWM Controllers with Programmable Switching Frequency
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15000BEUB+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15000BEUB+ Datasheet HTML 1Page - Maxim Integrated Products MAX15000BEUB+ Datasheet HTML 2Page - Maxim Integrated Products MAX15000BEUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX15000BEUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX15000BEUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX15000BEUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX15000BEUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX15000BEUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX15000BEUB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Current-Mode PWM Controllers with
Programmable Switching Frequency
_______________________________________________________________________________________
5
UVLO/EN SHUTDOWN THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.155
1.160
1.165
1.170
1.175
1.180
1.150
-40
85
UVLO/EN FALLING
VIN SUPPLY CURRENT IN UVLO
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
50
55
60
65
45
-40
85
VIN = 19V
MAX15000 WHEN IN
BOOTSTRAP UVLO
VIN SUPPLY CURRENT AFTER
STARTUP vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.6
1.7
1.8
1.9
2.0
1.5
-40
85
VIN = 24V
fSW = 350kHz
VCC REGULATOR SET POINT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
9.2
9.4
9.6
9.8
9.0
-40
85
VIN = 19V
NDRV NOT SWITCHING
NDRV SWITCHING
fSW = 350kHz
VCC REGULATOR SET POINT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
-20
0
20
8.2
8.3
8.4
8.5
8.6
8.7
8.8
8.9
8.1
-40
80
10mA LOAD
VIN = 19V
20mA LOAD
CURRENT-LIMIT TRIP THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.97
0.98
0.99
1.00
1.01
1.02
0.96
-40
85
-3
σ
MEAN
+3
σ
TOTAL NUMBER OF DEVICES = 140
CURRENT-LIMIT TRIP THRESHOLD
CURRENT-LIMIT TRIP THRESHOLD (V)
1.022
0.993
1.007
0.978
10
20
30
40
50
60
0
0.964
1.036
TOTAL NUMBER
OF DEVICES = 140
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
330
335
340
345
350
355
325
-40
85
-3
σ
MEAN
+3
σ
TOTAL NUMBER OF DEVICES = 140
SWITCHING FREQUENCY
SWITCHING FREQUENCY (kHz)
354.0
340.3
347.2
333.5
10
20
30
40
50
60
0
326.7
360.8
TOTAL NUMBER
OF DEVICES = 140
Typical Operating Characteristics (continued)
(VUVLO/EN = +1.4V, VFB = +1V, COMP = open, VCS = 0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX15000BEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002ATL++ MAXIM-MAX15002ATL+ Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002 MAXIM-MAX15002_12 Datasheet
505Kb / 29P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 2; 10/12
MAX15003 MAXIM-MAX15003 Datasheet
928Kb / 32P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 0; 10/07
MAX15003 MAXIM-MAX15003 Datasheet
347Kb / 12P
   Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
More results

Similar Description - MAX15000BEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com