Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15000AEUB+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15000AEUB+
Description  Current-Mode PWM Controllers with Programmable Switching Frequency
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15000AEUB+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15000AEUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 9Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 10Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Current-Mode PWM Controllers with
Programmable Switching Frequency
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1
UVLO/EN
Externally Programmable Undervoltage Lockout. UVLO/EN programs the input start voltage. Connect
UVLO/EN to GND to disable the device. NDRV stops switching approximately 210µs after the UVLO/EN
voltage falls below 1.17V.
2
UFLG
Open-Drain Undervoltage Flag Output. UFLG is asserted low as soon as the UVLO/EN voltage falls below its
threshold.
3FB
Error-Amplifier Inverting Input
4
COMP
Error-Amplifier Output
5CS
Current-Sense Input. Current-sense connection for PWM regulation and cycle-by-cycle current limit.
Connect to the high side of the sense resistor. An RC filter may be necessary to eliminate leading-edge
spikes. Current-limit trip voltage is 1V.
6RT
Oscillator Timing Resistor Input. An RC network may be required to reduce jitter (see the Typical Application
Circuit).
7
GND
Ground Connection
8
NDRV
External n-Channel MOSFET Gate Connection
9VCC
Gate-Drive Supply. Internally generated supply from IN. Decouple VCC with a 10nF or larger capacitor
to GND.
10
IN
IN Supply. Decouple with a 10nF or larger capacitor to GND. For bootstrapped operation (MAX15000),
connect a startup resistor from the input supply line to IN. Connect the bias winding supply to IN also (see
the Typical Operating Circuit). For the MAX15001, connect IN directly to the 9.5V to 24V supply.
NDRV HIGH OUTPUT IMPEDANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
3.4
3.8
4.2
4.6
5.0
3.0
-40
85
SOURCING 20mA
ERROR AMPLIFIER OPEN-LOOP GAIN
AND PHASE vs. FREQUENCY
FREQUENCY (Hz)
100
-60
80
60
40
20
0
-20
-40
120
-200
80
40
0
-40
-80
-120
-160
1
0.1
10 100
1k
10k 100k 1M 10M 100M
MAX15000 toc22
GAIN
PHASE
Typical Operating Characteristics (continued)
(VUVLO/EN = +1.4V, VFB = +1V, COMP = open, VCS = 0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX15000AEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002ATL++ MAXIM-MAX15002ATL+ Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002 MAXIM-MAX15002_12 Datasheet
505Kb / 29P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 2; 10/12
MAX15003 MAXIM-MAX15003 Datasheet
928Kb / 32P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 0; 10/07
MAX15003 MAXIM-MAX15003 Datasheet
347Kb / 12P
   Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
More results

Similar Description - MAX15000AEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com