Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15000 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX15000
Description  Current-Mode PWM Controllers with Programmable Switching Frequency
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15000 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX15000 Datasheet HTML 10Page - Maxim Integrated Products MAX15000 Datasheet HTML 11Page - Maxim Integrated Products MAX15000 Datasheet HTML 12Page - Maxim Integrated Products MAX15000 Datasheet HTML 13Page - Maxim Integrated Products MAX15000 Datasheet HTML 14Page - Maxim Integrated Products MAX15000 Datasheet HTML 15Page - Maxim Integrated Products MAX15000 Datasheet HTML 16Page - Maxim Integrated Products MAX15000 Datasheet HTML 17Page - Maxim Integrated Products MAX15000 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Layout Recommendations
Typically, there are two sources of noise emission in a
switching power supply: high di/dt loops and high dv/dt
surfaces. For example, traces that carry the drain cur-
rent often form high di/dt loops. Similarly, the heatsink
of the MOSFET presents a dv/dt source; therefore, mini-
mize the surface area of the heatsink as much as possi-
ble. Keep all PC board traces carrying switching
currents as short as possible to minimize current loops.
Use a ground plane for best results. The pins of the
µMAX package are positioned to allow easy interfacing
to the external MOSFET.
For universal AC input design, follow all applicable
safety regulations. Offline power supplies may require
UL, VDE, and other similar agency approvals. To avoid
noise coupling of signals from RT to NDRV, route traces
from RT away from NDRV.
Current-Mode PWM Controllers with
Programmable Switching Frequency
______________________________________________________________________________________
15
VCC
COMP
FB
GND
CS
NDRV
UVLO/EN
0V
12V
R2
R3
R1
C1
RT
UFLG
C6
R15
R12
C4
IN
MAX15001
C2
C3
R5
R6
15V
D1
Q1
L1
Figure 8. 12V to 15V Output Boost Regulator


Similar Part No. - MAX15000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002ATL++ MAXIM-MAX15002ATL+ Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002 MAXIM-MAX15002_12 Datasheet
505Kb / 29P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 2; 10/12
MAX15003 MAXIM-MAX15003 Datasheet
928Kb / 32P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 0; 10/07
MAX15003 MAXIM-MAX15003 Datasheet
347Kb / 12P
   Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
More results

Similar Description - MAX15000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com